Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16448/PCBZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADIS16448/PCBZ
Description  Compact, Precision Ten Degrees of Freedom Inertial Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16448/PCBZ Datasheet(HTML) 4 Page - Analog Devices

  ADIS16448/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADIS16448
Data Sheet
Rev. B | Page 4 of 24
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
TEMPERATURE
Sensitivity
See Table 23
0.07386
°C/LSB
BAROMETERS
Pressure Range, Operating
300
1100
mbar
Pressure Range Extended3
10
1200
mbar
Sensitivity
0.02
mbar/LSB
Voltage Dependence
0.18
%/V
Bias Supply Voltage Sensitivity
3.24
mbar/V
Total Error
25°C, 300 mbar to 1100 mbar
1.5
mbar
Relative Error4
−40°C to +85°C, 300 mbar to 1100 mbar
2.5
mbar
Linearity5
25°C, 300 mbar to 1100 mbar
0.1
% of FS
−40°C to +85°C, 300 mbar to 1100 mbar
0.2
% of FS
Noise
0.08
mbar rms
LOGIC INPUTS6
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.8
V
Logic 1 Input Current, IIH
VIH = 3.3 V
±0.2
±10
µA
Logic 0 Input Current, IIL
VIL = 0 V
All Pins Except RST
40
60
µA
RST Pin
1
mA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS6
Output High Voltage, VOH
ISOURCE = 1.6 mA
2.4
V
Output Low Voltage, VOL
ISINK = 1.6 mA
0.4
V
FLASH MEMORY
Endurance7
10,000
Cycles
Data Retention8
TJ = 85°C
20
Years
FUNCTIONAL TIMES9
Time until new data is available
Power-On Start-Up Time
205
ms
Reset Recovery Time10
90
ms
Flash Memory Back-Up Time
75
ms
Flash Memory Test Time
20
ms
Automatic Self-Test Time
SMPL_PRD = 0x0001
45
ms
CONVERSION RATE
xGYRO_OUT, xACCL_OUT
SMPL_PRD = 0x0001
819.2
SPS
xMAGN_OUT, BARO_OUT11
SMPL_PRD = 0x0001
51.2
SPS
Clock Accuracy
±3
%
Sync Input Clock12
0.8
1.1
kHz
POWER SUPPLY
Operating voltage range, VDD
3.15
3.3
3.45
V
Power Supply Current
76
104
mA
1
The repeatability specifications represent analytical projections, which are based off of the following drift contributions and conditions: temperature hysteresis (−40°C
to +70°C), electronics drift (high-temperature operating life test: 85°C, 500 hours), drift from temperature cycling (JESD22, Method A104-C, Method N, 500 cycles,
−40°C to +85°C), rate random walk (10 year projection), and broadband noise.
2
Bias repeatability describes a long-term behavior, over a variety of conditions. Short-term repeatability is related to the in-run bias stability and noise density
specifications.
3
The extended pressure range is guaranteed by design.
4
The relative error assumes that the initial error, at 25°C, is corrected in the end application.
5
Linearity errors assume a full scale (FS) of 1000 mbar.
6
The digital I/O signals are driven by an internal 3.3 V supply, and the inputs are 5 V tolerant.
7
Endurance is qualified as per JEDEC Standard 22, Method A117, and measured at −40°C, +25°C, +85°C, and +125°C.
8
The data retention lifetime equivalent is at a junction temperature (TJ) of 85°C as per JEDEC Standard 22, Method A117. Data retention lifetime decreases with junction
temperature.
9
These times do not include thermal settling and internal filter response times (330 Hz bandwidth), which may affect overall accuracy.
10
The RST line must be held low for at least 10 μs to assure a proper reset and recovery sequence.
11
The xMAGN_OUT and BARO_OUT registers update at a rate that is 1/16th that of the other output registers.
12
The sync input clock functions below the specified minimum value but at reduced performance levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com