Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16448/PCBZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADIS16448/PCBZ
Description  Compact, Precision Ten Degrees of Freedom Inertial Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16448/PCBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADIS16448/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADIS16448
Rev. B | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
19
20
17
18
15
16
13
14
11
12
9
10
7
8
5
6
3
4
1
2
ADIS16448
TOP VIEW
(Not to Scale)
NOTES
1. THIS REPRESENTATION DISPLAYS THE TOP VIEW WHEN THE
CONNECTOR IS VISIBLE AND FACING UP.
2. MATING CONNECTOR: SAMTEC CLM-110-02 OR EQUIVALENT.
3. DNC = DO NOT CONNECT.
Figure 5. Pin Configuration
PIN 1
PIN 20
USE THIS OPENING FOR
REMOTE PRESSURE SENSING.
HOLE IS TAPPED
FOR 10-32 SCREW THREADS.
Figure 6. Pin Locations
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
DIO3
I/O
Configurable Digital Input/Output.
2
DIO4/CLKIN
I/O
Configurable Digital Input/Output or Sync Clock Input.
3
SCLK
I
SPI Serial Clock.
4
DOUT
O
SPI Data Output. Clocks the output on the SCLK falling edge.
5
DIN
I
SPI Data Input. Clocks the input on the SCLK rising edge.
6
CS
I
SPI Chip Select.
7
DIO1
I/O
Configurable Digital Input/Output.
8
RST
I
Reset.
9
DIO2
I/O
Configurable Digital Input/Output.
10, 11, 12
VDD
S
Power Supply.
13, 14, 15
GND
S
Power Ground.
16, 17, 18, 19, 20
DNC
N/A
Do Not Connect. Do not connect to these pins.
1
S is supply, O is output, I is input, N/A is not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com