Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16448/PCBZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADIS16448/PCBZ
Description  Compact, Precision Ten Degrees of Freedom Inertial Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16448/PCBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADIS16448/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
ADIS16448
Rev. B | Page 23 of 24
OUTLINE DIMENSIONS
TOP VIEW
SIDE VIEW
33.40
BSC
30.10
BSC
19.55 BSC
12.50 BSC
0.66
BSC
2.00 BSC
2.30 BSC
(2 PLCS)
2.30 BSC
(2 PLCS)
1.00
BSC
2.00
BSC
20.150
BSC
29.200
BSC
6.70
BSC
10-32 THREADED
HOLE
7.89
7.63
7.37
4.70
4.50
4.30
2.60
2.40 DIA.
2.20
38.08
37.70
37.32
24.53
24.15
23.77
END VIEW
2.84 BSC
(Pin Height)
5.18 BSC
(PCB to Connector)
7.57
BSC
10.23
BSC
1.00 BSC
PITCH
11.10
10.80
10.50
2.96
2.70
2.44
Figure 26. 20-Lead Module with Connector Interface
(ML-20-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADIS16448AMLZ
−40°C to +85°C
20-Lead Module with Connector Interface
ML-20-2
ADIS16448/PCBZ
Interface PCB
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com