Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16448/PCBZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADIS16448/PCBZ
Description  Compact, Precision Ten Degrees of Freedom Inertial Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16448/PCBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADIS16448/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16448/PCBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADIS16448
Data Sheet
Rev. B | Page 18 of 24
MAGNETOMETER/BAROMETER
The magnetometer (xMAGN_OUT) and barometer output
registers (BARO_OUT) update at a rate of 51.2 SPS. When
using the external clock, these registers update at a rate of 1/16th
of the input clock frequency. The update rates for the magne-
tometer and barometers do not change with the SMPL_PRD
[15:8] register settings, unless SMPL_PRD[15:8] > 0x04.
New-Data Indicators
DIAG_STAT[7] (see Table 31) offers a new data bit for the
magnetometer (xMAGN_OUT) and barometer output registers
(BARO_OUT) registers. This bit rises to a 1, right after the
xMAGN_OUT and BARO_OUT registers receive fresh data.
It returns to 0 after one of the four registers experiences a
read request.
The SEQ_CNT register (see Table 36) provides a counter
function to help determine when there is new data in the
magnetometer and barometer registers. When using the full
sample rate (SMPL_PRD[15:8] = 0x00), SEQ_CNT will start
at a value of 16 and decrement every time the gyroscope data
updates. When it reaches a value of 1, it will return to a value
16 after the next gyroscope update cycle. When SEQ_CNT
equals 16, the magnetometer (xMAGN_OUT) and barometer
(BARO_OUT) registers contain new data. The SEQ_CNT
register can be useful during initialization to help synchronize
read loops for new data in both magnetometer and barometer
outputs. When beginning a continuous read loop, read SEQ_CNT
to determine the number of sample cycles that must pass, before
the magnetometer and barometer registers update.
Table 36. SEQ_CNT (Base Address = 0x3A), Read Only
Bits
Description
[15:11]
Don’t care
[6:0]
Binary counter: 16 to 1, when D = 0
Counter range = 16/2D – 1, when 1 ≤ D ≤ 4
See Table 34 for more information on D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com