Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4661-2ARMZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADA4661-2ARMZ-R7
Description  18 V, Precision, 725 A, 4 MHz, CMOS RRIO Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4661-2ARMZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADA4661-2ARMZ-R7 Datasheet HTML 23Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 24Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 25Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 26Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 27Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 28Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 29Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 30Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
ADA4661-2
Rev. 0 | Page 27 of 32
Figure 84. Frequency Response of Compensation Scheme
Figure 85 shows the output response of the unity-gain amplifier
driving 250 pF of capacitive load. With no compensation, the
amplifier is unstable. Figure 86 to Figure 88 show the amplifier
output response with 210 Ω, 301 Ω, and 750 Ω of RISO compensa-
tion. Note that with lower RISO values, ringing is still noticeable,
whereas with higher RISO values, higher frequency signals are
filtered out.
Figure 85. Output Response with No Compensation (RISO = 0 Ω)
Figure 86. Output Response (RISO = 210 Ω)
Figure 87. Output Response (RISO = 301 Ω)
Figure 88. Output Response (RISO = 750 Ω)
10k
100k
1M
10M
RISO = 0Ω
RISO = 210Ω
RISO = 301Ω
RISO = 499Ω
FREQUENCY (Hz)
10
0
–10
–20
–30
–40
–50
TIME (10µs/DIV)
VSY = ±9V
VIN = 100mV p-p
AV = 1
CL = 250pF
RISO = 0Ω
TIME (10µs/DIV)
VSY = ±9V
VIN = 100mV p-p
AV = 1
CL = 250pF
RISO = 210Ω
TIME (10µs/DIV)
VSY = ±9V
VIN = 100mV p-p
AV = 1
CL = 250pF
RISO = 301Ω
TIME (10µs/DIV)
VSY = ±9V
VIN = 100mV p-p
AV = 1
CL = 250pF
RISO = 750Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com