Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4661-2ARMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4661-2ARMZ-R7
Description  18 V, Precision, 725 A, 4 MHz, CMOS RRIO Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4661-2ARMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4661-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADA4661-2
Data Sheet
Rev. 0 | Page 14 of 32
Figure 24. Output Voltage (VOL) to Supply Rail vs. Load Current
Figure 25. Output Voltage (VOH) vs. Temperature
Figure 26. Output Voltage (VOL) vs. Temperature
Figure 27. Output Voltage (VOL) to Supply Rail vs. Load Current
Figure 28. Output Voltage (VOH) vs. Temperature
Figure 29. Output Voltage (VOL) vs. Temperature
0.1
1
10
100
10000
1000
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
–40°C
+25°C
+125°C
+85°C
VSY = 3V
2.94
2.95
2.96
2.97
2.98
2.99
3.00
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = 3V
RL = 1kΩ
RL = 10kΩ
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = 3V
RL = 10kΩ
0
10
20
30
40
50
RL = 1kΩ
0.1
1
10
100
1000
10000
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VSY = 18V
–40°C
+25°C
+85°C
+125°C
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = 18V
RL = 1kΩ
RL = 10kΩ
17.70
17.75
17.80
17.85
17.90
17.95
18.00
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = 18V
RL = 10kΩ
0
20
40
60
80
100
120
140
160
180
200
RL = 1kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com