Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4661-2ARMZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4661-2ARMZ-R7
Description  18 V, Precision, 725 A, 4 MHz, CMOS RRIO Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4661-2ARMZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4661-2ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 21Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 22Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 23Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 24Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 25Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 26Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
ADA4661-2
Rev. 0 | Page 23 of 32
system voltages with proprietary protection circuitry. This regu-
lation circuitry protects the input devices from the high supply
voltages at which the amplifier can operate.
The input devices are also protected from large differential
input voltages by clamp diodes (D1 and D2). These diodes are
buffered from the inputs with two 120 Ω resistors (R1 and R2).
The diodes conduct significant current whenever the differen-
tial voltage exceeds approximately 600 mV; in this condition,
the differential input resistance falls to 240 Ω. It is possible for a
significant amount of current to flow through these protection
diodes. The user must ensure that current flowing into the input
pins is limited to the absolute maximum of 10 mA.
GAIN STAGE
The second stage of the amplifier is composed of an NPN
differential pair (Q1, Q2) and folded-cascode transistors (M13
to M20). The amplifier features nested Miller compensation
(C1 to C3).
OUTPUT STAGE
The ADA4661-2 features a complementary output stage consisting
of the M21 and M22 transistors. These transistors are configured
in a Class AB topology and are biased by the voltage source, V1.
This topology allows the output voltage to go within millivolts
of the supply rails, achieving a rail-to-rail output swing. The
output voltage is limited by the output impedance of the transis-
tors, which are low RON MOS devices. The output voltage swing
is a function of the load current and can be estimated using the
output voltage to supply rail vs. load current graphs (see Figure 20,
Figure 23, Figure 24, and Figure 27). The high voltage and high
current capability of the ADA4661-2 output stage requires the
user to ensure that it operates within the thermal safe operating
area (see the Maximum Power Dissipation section).
MAXIMUM POWER DISSIPATION
The ADA4661-2 is capable of driving an output current up
to 220 mA. However, the usable output load current drive is
limited to the maximum power dissipation allowed by the
device package. The absolute maximum junction temperature
for the ADA4661-2 is 150°C (see Table 5). The junction
temperature can be estimated as follows:
TJ = PD × θJA + TA
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated by the
output stage transistor. It can be calculated as follows:
PD = (VSY × ISY) + (VSY − VOUT) × ILOAD
where:
VSY is the power supply rail.
ISY is the quiescent current.
VOUT is the output of the amplifier.
ILOAD is the output load.
Do not exceed the maximum junction temperature for the
device, 150°C. Exceeding the junction temperature limit can
cause degradation in the parametric performance or even
destroy the device. To ensure proper operation, it is necessary to
observe the maximum power derating curves. Figure 71 shows
the maximum safe power dissipation in the package vs. the
ambient temperature on a standard 4-layer JEDEC board. The
exposed pad of the LFCSP package is soldered to the board.
Figure 71. Maximum Power Dissipation vs. Ambient Temperature
Refer to Technical Article MS-2251, Data Sheet Intricacies—
Absolute Maximum Ratings and Thermal Resistances, for more
information.
RAIL-TO-RAIL INPUT AND OUTPUT
The ADA4661-2 features rail-to-rail input and output with a
supply voltage from 3 V to 18 V. Figure 72 shows the input and
output waveforms of the ADA4661-2 configured as a unity-gain
buffer with a supply voltage of ±9 V. With an input voltage of
±9 V, the ADA4661-2 allows the output to swing very close to
both rails. Additionally, it does not exhibit phase reversal.
Figure 72. Rail-to-Rail Input and Output
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (°C)
8-LEAD LFCSP
θJA =83.5°C/W
8-LEAD MSOP
θJA =142°C/W
TJMAX =150°C
TIME (200µs/DIV)
–10
–8
–6
–4
–2
0
2
4
8
6
10
VIN
VOUT
VSY = ±9V
VIN = ±9V
AV = 1
RL = 10kΩ
CL = 10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com