Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4661-2ARMZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4661-2ARMZ-R7
Description  18 V, Precision, 725 A, 4 MHz, CMOS RRIO Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4661-2ARMZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4661-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADA4661-2ARMZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
ADA4661-2
Rev. 0 | Page 17 of 32
Figure 42. PSRR vs. Frequency
Figure 43. Small Signal Overshoot vs. Load Capacitance
Figure 44. Large Signal Transient Response
Figure 45. PSRR vs. Frequency
Figure 46. Small Signal Overshoot vs. Load Capacitance
Figure 47. Large Signal Transient Response
1k
10k
100k
1M
10M
FREQUENCY (Hz)
0
20
40
60
80
100
VSY = 3V
PSRR+
PSRR–
0
10
20
30
40
50
60
0
10
20
30
40
50
CAPACITANCE (pF)
VSY = 3V
VIN = 100mV p-p
AV = 1
RL = 10kΩ
OS+
OS–
TIME (5µs/DIV)
VSY = ±1.5V
VIN = 2.5V p-p
AV = 1
RL = 10kΩ
CL = 10pF
RS = 1kΩ
1k
10k
100k
1M
10M
FREQUENCY (Hz)
0
20
40
60
80
100
VSY = 18V
PSRR+
PSRR–
0
10
20
30
40
50
60
0
10
20
30
40
50
CAPACITANCE (pF)
OS+
OS–
VSY = 18V
VIN = 100mV p-p
AV = 1
RL = 10kΩ
TIME (5µs/DIV)
VSY = ±9V
VIN = 17V p-p
AV = 1
RL = 10kΩ
CL = 10pF
RS = 1kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com