Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPM2CS100C Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # CPM2CS100C
Description  CPM2C-S10C offers high-speed local control, remote expandability in a very compact package.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM2CS100C Datasheet(HTML) 1 Page - Omron Electronics LLC

  CPM2CS100C Datasheet HTML 1Page - Omron Electronics LLC CPM2CS100C Datasheet HTML 2Page - Omron Electronics LLC CPM2CS100C Datasheet HTML 3Page - Omron Electronics LLC CPM2CS100C Datasheet HTML 4Page - Omron Electronics LLC CPM2CS100C Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CPM2C-S1❑0C offers high-speed local control,
remote expandability in a very compact package.
This new member of Omron’s CPM2C programmable
controller family combines high-speed control func-
tions with distribution of up to 256 I/O over Omron’s
high-speed “flexible back-plane” bus, CompoBus/S.
The result is an ultra compact (shirt-pocket-size),
high-performance device that can control up to
362 I/O points, and support local operator interface
devices. Local expansion options include digital,
analog and temperature as well as a 20 kHz pulse
input capability. The built-in remote I/O capability
supports a total of 32 I/O modules that can be posi-
tioned anywhere within 500 meters of the controller.
Simple expansion capabilities using
built-in CompoBus/S master
Machinery frequently requires the addition of I/O after
it has been built and wired. The CPM2C-S1❑0C
allows up to 256 additional I/O points (in addition to
the 106 local I/O) for later expansion or remote I/O
use. These additional I/O can be located anywhere
the customer needs them, within 500 meters of the
CPM2C CPU location, using simple twisted pair cable.
This unique solution simplifies adding I/O to any
machine.
CPM2C Programmable Controller Functions:
s High-speed counters and interrupt outputs
s Position control for simple 2-axis applications
s Synchronized pulse outputs
s 10 I/O included with CPU
s Up to 106 local I/O
s Up to 362 total I/O points
s Local HMI support
s Serial inputs
s 3 local expansion I/O modules
Remote I/O Functions:
s 32 remote slaves
s 500 meters total distance possible
s 256 I/O total expansion
s 0.8 ms update time for 256 I/O points
CPM2C-S1 0C
1
For more information, contact an Omron representative at 1-800-55-OMRON


Similar Part No. - CPM2CS100C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CPM2C OMRON-CPM2C Datasheet
315Kb / 20P
Compact PLC Series
CPM2C-10EDR OMRON-CPM2C-10EDR Datasheet
315Kb / 20P
Compact PLC Series
CPM2C-16EDC OMRON-CPM2C-16EDC Datasheet
315Kb / 20P
Compact PLC Series
CPM2C-16EDM OMRON-CPM2C-16EDM Datasheet
315Kb / 20P
Compact PLC Series
CPM2C-16ET1C OMRON-CPM2C-16ET1C Datasheet
315Kb / 20P
Compact PLC Series
More results

Similar Description - CPM2CS100C

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3017 NTE-NTE3017 Datasheet
20Kb / 2P
Infrared Emitting Diode High Speed for Remote Control
NTE3027 NTE-NTE3027 Datasheet
20Kb / 2P
Infrared Emitting Diode High Speed for Remote Control
logo
Rohm
RLD-78MAT4S ROHM-RLD-78MAT4S Datasheet
65Kb / 3P
AlGaAs laser diode in very compact package
logo
Sharp Corporation
GP1U26X SHARP-GP1U26X Datasheet
85Kb / 5P
Compact IR Detecting Unit for Remote Control
logo
Maxim Integrated Produc...
MAX6687 MAXIM-MAX6687 Datasheet
138Kb / 7P
Local/Remote Temperature Switches in a 關MAX Package
Rev 2; 11/03
logo
Everlight Electronics C...
PT67-21B EVERLIGHT-PT67-21B Datasheet
170Kb / 8P
high speed silicon NPN epitaxial planar phototransistor in a compact surface-mountable package.
logo
International Rectifier
IRMCT3UF1 IRF-IRMCT3UF1 Datasheet
246Kb / 7P
Complete Integrated High Performance Sensorless Speed Control in a Compact, Ruggedized Package
logo
Micrel Semiconductor
MIC184 MICREL-MIC184_06 Datasheet
490Kb / 20P
Local/Remote Thermal Supervisor
logo
Sharp Corporation
GP1UM271XK SHARP-GP1UM271XK Datasheet
86Kb / 7P
Compact IR Detecting Unit for Remote Control
logo
Shanghai Leiditech Elec...
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
High current capacity in compact package.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com