Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPM2CS100C Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # CPM2CS100C
Description  CPM2C-S10C offers high-speed local control, remote expandability in a very compact package.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM2CS100C Datasheet(HTML) 3 Page - Omron Electronics LLC

  CPM2CS100C Datasheet HTML 1Page - Omron Electronics LLC CPM2CS100C Datasheet HTML 2Page - Omron Electronics LLC CPM2CS100C Datasheet HTML 3Page - Omron Electronics LLC CPM2CS100C Datasheet HTML 4Page - Omron Electronics LLC CPM2CS100C Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
For more information, contact an Omron representative at 1-800-55-OMRON
CPM2C-S1❑0C
CPM2C-S1❑0C
s
General and Performance Specifications (continued)
Item
Specifications
Data Memory
Read/Write
2,048 words (DM 0000 to DM 2047)
The Error Log is contained in DM 2000 to DM 2021
Read-only
456 words (DM 6144 to DM 6599)
PC Setup
56 words (DM 6600 to DM 6655)
Basic interrupt functions
Input interrupts
2 interrupts (shared by input interrupt counter mode and the quick-response inputs)
Scheduled
1 interrupt
interrupts
High-speed counter
High-speed
1 counter (20 kHz single-phase or 5 kHz two-phase)
functions
counter
Counter interrupt
1 interrupt
Input interrupts
2 interrupts (shared by input interrupt counter mode and the quick-response inputs)
(counter mode)
Count-up interrupt
2 interrupts (shared by input interrupt counter mode and the quick-response inputs)
Quick-response inputs
2 inputs
Minimum pulse input: 50
µs
Shared by input interrupts and input interrupt counter mode
Pulse outputs
Either 2 points with no acceleration/deceleration, 10 Hz to 10 kHz each, and no
direction control, 1 point with trapezoid acceleration/deceleration, 10 Hz to 10 kHz,
and direction control, or 2 points with variable duty-ratio outputs
Synchronized pulse control
1 point
Input time constant
Can be set for CPU Unit inputs and Expansion Unit input points
(ON response time = OFF response time)
(1, 2, 3, 5, 10, 20, 40, or 80 ms)
Clock function
Built-in RTC
Communications
Peripheral port:
Supports Host Link, peripheral bus, no protocol, or Programming Console connections
functions
RS-232C port:
Supports Host Link, no protocol, 1:1 Slave Unit Link, 1:1 Master Unit Link,
or 1:1 NT Link connections
Memory protection
HR area, AR area, counter values, read/write DM area contents, and counter values
maintained during power interruptions
Memory backup
Non-volatile memory, user programs, read-only DM area and PC setup are backed up
Lithium battery (2-year)
DM area, HR area, AR area and counter values are backed up
Self-diagnostic functions
CPU Unit failure (watchdog timer), memory failure, communications error, setting error,
battery error, and I/O bus error
Program checks
No END instruction, programming errors (checked when operation is started)
Connection tools
Programming
C200H-PRO27, CQM1-PRO01, CQM1H-PRO01
console
SSS
IBM PC/AT or compatible (SYSMAC Support Software V1.1)
CPT
Windows
CX-P
Windows



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com