Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPM2CS100C Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # CPM2CS100C
Description  CPM2C-S10C offers high-speed local control, remote expandability in a very compact package.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM2CS100C Datasheet(HTML) 4 Page - Omron Electronics LLC

  CPM2CS100C Datasheet HTML 1Page - Omron Electronics LLC CPM2CS100C Datasheet HTML 2Page - Omron Electronics LLC CPM2CS100C Datasheet HTML 3Page - Omron Electronics LLC CPM2CS100C Datasheet HTML 4Page - Omron Electronics LLC CPM2CS100C Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CPM2C-S1❑0C
CPM2C-S1❑0C
4
For more information, contact an Omron representative at 1-800-55-OMRON
s
Communication Specifications
Item
Specifications
Communications method
CompoBus/S protocol
Coding method
Manchester coding method
Connection method
Multi-drop method and T-branch method (See note 1)
Communications baud rate
High-speed communications mode: 750 kbps
Long-distance communications mode: 93.75 kbps (See note 2)
Communications
High-speed
0.5 ms. (No. of connected Slaves: 8 input, 8 output)
cycle time
communications
0.8 ms. (No. of connected Slaves: 16 input, 16 output)
mode
Long-distance
4.0 ms. (No. of connected Slaves: 8 input, 8 output)
communications
6.0 ms. (No. of connected Slaves: 16 input, 16 output)
mode
Communications cable
2-conductor VCTF cable (0.75 x 2)
4-conductor VCTF cable (0.75 x 4)
Special flat cable
Communications
2-conductor
High-speed communications mode
distance
VCTF cable
Main line length: 100 m max.
Branch line length: 3 m max.
Total branch line length: 50 m max.
Long-distance communications mode
Main line length: 500 m max.
Branch line length: 6 m max.
Total branch line length: 120 m max.
Flat cable or
High-speed communications mode (see note 3)
4-conductor
Main line length: 30 m max.
VCTF cable
Branch line length: 3 m max.
Total branch line length: 30 m max.
Long-distance communications mode (see note 4)
Variable branch wiring (total cable length 200 m max.)
Maximum number of connecting nodes
32
Error control checks
Manchester code check, frame length check, and parity check
Note: 1. An external terminator must be connected.
Note: 2. Controlled by DM area setting (default setting: 750 kbps).
Note: 3. When flat cable is used to connect fewer than 16 slaves, the main line can be up to 100 m long and the total branch line length
can be up to 50 m.
Note: 4. There are no limits on the branching format or main, branch, or total line lengths. The terminator must be connected to the point
in the system farthest from the master.
Dimensions
CPM2C-S1s
s
s C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com