Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPM2CS100C Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # CPM2CS100C
Description  CPM2C-S10C offers high-speed local control, remote expandability in a very compact package.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM2CS100C Datasheet(HTML) 2 Page - Omron Electronics LLC

  CPM2CS100C Datasheet HTML 1Page - Omron Electronics LLC CPM2CS100C Datasheet HTML 2Page - Omron Electronics LLC CPM2CS100C Datasheet HTML 3Page - Omron Electronics LLC CPM2CS100C Datasheet HTML 4Page - Omron Electronics LLC CPM2CS100C Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CPM2C-S1❑0C
CPM2C-S1❑0C
2
For more information, contact an Omron representative at 1-800-55-OMRON
For a complete system see System Configuration on last page.
s
CPU Units
Unit
Inputs
Outputs
Clock
Part Number
10-point input type
Connector type
24 VDC
Transistor
❍
CPM2C-S100C
6 inputs
6 points
(sinking)
4 outputs
4 points
10-point input type
Connector type
24 VDC
Transistor
❍
CPM2C-S110C
6 inputs
6 points
(sourcing)
4 outputs
4 points
Ordering Information
s
General and Performance Specifications
Item
Specifications
Control method
Stored program control
I/O control method
Cyclic scan with direct output – Immediate refreshing can be performed with IORF (97)
Programming language
Ladder diagram
Instruction length
1 step per instruction, 1 to 5 words per instruction
Instructions
Basic
14
instructions
Special
105 instructions, 185 variations
instructions
Execution time
Basic
0.64
µs (LD instruction)
instructions
Special
7.8
µs (MOV instruction)
instructions
Program capacity
4,096 words
Maximum I/O capacity
CPU Unit only: 10 points
Expanded system: 72 points (24-point Unit X 3)
(Up to 3 Expansion I/O Units can be connected)
CompoBus/S: 256 points (total 338)
Input bits
IR 00000 to 00915
(Bits not used for input bits can be used for work bits)
Output bits
IR 01000 to IR 01915
(Bits not used for output bits can be used for work bits)
CompoBus/S input bits
128 bits: IR 02000 to IR 02715 (words IR 020 to IR 027)
CompoBus/S output bits
128 bits: IR 03000 to IR 03715 (words IR 030 to IR 037)
Work bits
672 bits: IR 02800 to IR 02915 (words IR 028 to IR 029)
IR 03800 to IR 03915 (words IR 038 to IR 039)
IR 04000 to IR 04915 (words IR 040 to IR 049)
IR 20000 to IR 22715 (words IR 200 to IR 227)
Dedicated bits (SR area)
440 bits: SR 22800 to SR 25507 (words SR 228 to SR 255)
Temporary bits (TR area)
8 bits (TR0 to TR7)
Holding bits (HR area)
320 bits: HR 0000 to HR 1915 (words HR 00 to HR 19)
Auxiliary bits (AR area)
384 bits: AR 0000 to AR 2315 (words AR 00 to AR 23)
Including CompoBus/S Slave Status Area (AR 04 to AR 07)
Link bits (LR area)
256 bits: LR 0000 to LR 1515 (words LR 00 to LR 15)
Timers/Counters
256 timers/counters (TIM/CNT 000 to TIM/CNT 255)
1-ms timer: TMHH(--)
10-ms timer: TIMH(15)
100-ms timer: TIM
1-s/10-s timer: TIM(--)
Decrementing counter: CNT
Reversible counter: CNTR(12)
Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com