Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N8044AH-R0117 Datasheet(PDF) 23 Page - InnovASIC, Inc

Part # N8044AH-R0117
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

N8044AH-R0117 Datasheet(HTML) 23 Page - InnovASIC, Inc

Back Button N8044AH-R0117 Datasheet HTML 19Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 20Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 21Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 22Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 23Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 24Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 25Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 26Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 27Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 23 of 65
1-888-824-4184
®
4.4
Special Function Registers
Table 9 presents the SFRs of the IA8044 and IA8344.
Table 9. Special Function Registers
Symbol
Register Description
Byte Address (Hex)
Bit Addresses (Hex)
(MSB
–LSB)
ACC
Accumulator
E0h
E7h
–E0h
B
B register
F0h
F7h
–F0h
PSW
Program Status Word
D0h
D7h
–D0h
SP
Stack Pointer
81h
–
DPH
Data Pointer High Byte
82h
–
DPL
Data Pointer Low Byte
83h
–
P0
Port 0
80h
87h
–80h
P1
Port 1
90h
97h
–90h
P2
Port 2
A0h
A7h
–A0h
P3
Port 3
B0h
B7h
–B0h
IP
Interrupt Priority
B8h
BCh
–B8h
IE
Interrupt Enable
A8h
AFh,ACh
–A8h
TMOD
Timer/Counter Mode
89h
–
TCON
Timer/Counter Control
88h
8Fh
–88h
TH0
Timer/Counter 0 high byte
8Ch
–
TL0
Timer/Counter 0 low byte
8Ah
–
TH1
Timer/Counter 1 high byte
8Dh
–
TL1
Timer/Counter 1 low byte
8Bh
–
SMD
Serial Mode
C9h
–
STS
SIU Status and Command
C8h
CFh
–C8h
NSNR
SIU Send/Receive Count
D8h
DFh
–D8h
STAD
SIU Station Address
CEh
–
TBS
Transmit Buffer Start Address
DCh
–
TBL
Transmit Buffer Length
DBh
–
TCB
Transmit Control Byte
DAh
–
RBS
Receive Buffer Start Address
CCh
–
RBL
Receive Buffer Length
CBh
–
RFL
Receive Field Length
CDh
–
RCB
Receive Control Byte
CAh
–
DMA CNT
DMA Count
CFh
–
FIFO
FIFO contents (3 bytes)
DF,DE,DDh
–
SIUST
SIU State Counter
D9h
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com