Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N8044AH-R0117 Datasheet(PDF) 43 Page - InnovASIC, Inc

Part # N8044AH-R0117
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

N8044AH-R0117 Datasheet(HTML) 43 Page - InnovASIC, Inc

Back Button N8044AH-R0117 Datasheet HTML 39Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 40Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 41Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 42Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 43Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 44Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 45Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 46Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 47Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 43 of 65
1-888-824-4184
®
4.11
Data Clocking Options
The SIU may be clocked in one of two ways, with an external clock or in a self-clocked mode. In
the external clocked mode, a serial clock must be provided on SCLK. This clock must be
synchronized to the serial data. Incoming data is sampled at the rising edge of SCLK. Outgoing
data is shifted out at the falling edge of SCLK.
In the self-clocked mode, the SIU uses a reference clock and the serial data to reproduce the serial
data clock. The reference clock can be an external source applied to SCLK, the IA8044/IA8344’s
internal clock or the Timer 1 overflow. The reference clock must be 16 or 32 the data rate. A
DPLL uses the reference clock and the serial data to adjust the sample time to the center of the
serial bit. It does this by adjusting from a serial data transition in increments of 1/16 of a bit time.
The maximum data rate in the externally clocked mode is 2.4 Mbps in a point-to-point
configuration and 1.0 Mbps in a loop configuration. With a 12-MHz CPU clock, the maximum
data rate in the self-clocked mode with an external clock is 375 Kbps. The maximum data rate in
the self-clocked mode with an internal clock will depend on the frequency of the
IA8044/IA8344’s input clock. An IA8044/IA8344 using a 12-MHz input clock can operate at a
maximum data rate of 375 Kbps.
The Serial mode register Bits [5], [6], and [7] select the clocking option for the SIU (see SMD
register description).
4.12
Operational Modes
The SIU operates in one of two modes, AUTO or FLEXIBLE. The mode selected determines
how much intervention is required by the CPU when receiving and transmitting frames. In both
modes, short frames, aborted frames, and frames with CRC errors will be ignored.
AUTO mode allows the SIU to recognize and respond to specific SDLC frames without the
CPU’s intervention. This provides for a faster turnaround time but restricts the operation of the
SIU. When in AUTO mode, the SIU can only act as a normal response secondary station and
responses will adhere to IBM’s SDLC definitions.
When receiving in the AUTO mode, the SIU receives the frame and examines the control byte. It
will then take the appropriate action for that frame. If the frame is an information frame, the SIU
will load the receive buffer, interrupt the CPU and make the required response to the primary
station. The SIU in AUTO mode can also respond to the following commands from the primary
station:
RR (Receive ready)
RNR (Receive Not Ready)
REJ (Reject)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com