Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N8044AH-R0117 Datasheet(PDF) 19 Page - InnovASIC, Inc

Part # N8044AH-R0117
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

N8044AH-R0117 Datasheet(HTML) 19 Page - InnovASIC, Inc

Back Button N8044AH-R0117 Datasheet HTML 15Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 16Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 17Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 18Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 19Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 20Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 21Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 22Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 23Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 19 of 65
1-888-824-4184
®
4.2
Input/Output Characteristics
Table 5 describes the I/O characteristics for each signal on the IC. The signal names correspond
to those on the pinout diagrams provided. The table provides the I/O description of the IA8044
and the IA8344.
Table 5. Input/Output Characteristics of IC Signals
Name
Type
Description
RST
I
Reset
—This pin will cause the chip to reset when held high for two machine
cycles while the oscillator is running.
ALE
O
Address Latch Enable
—Used to latch the address on the falling edge for
external memory accesses.
PSEN
O
Program Store Enable
—When low, acts as an output enable for external
program memory.
EA
I
External Access
—When held low, EA will cause the IA8044/IA8344 to fetch
instructions from external memory.
P0.7
–P0.0
I/O
Port 0
—8-bit I/O port and low order multiplexed address/data byte for external
accesses.
P1.7
–P1.0
I/O
Port 1
—8-bit I/O port. Two bits have alternate functions, P1.6 (RTS) and P1.7
(CTS).
P2.7
–P2.0
I/O
Port 2
—8-bit I/O port. It also functions as the high order address byte during
external accesses.
P3.7
–P3.0
I/O
Port 3
—8-bit I/O port. Port 3 bits also have alternate functions as described
below.
P3.0 (RXD)
—Receives data input for SIU or direction control for P3.1
dependent upon data link configuration.
P3.1 (TXD)
—Transmits data output for SIU or data input/output dependent
upon data link configuration. Also enables diagnostic mode when cleared.
P3.2 (INT0)
—Interrupt 0 input or gate control input for Counter 0.
P3.3 (INT1)
—Interrupt 1 input or gate control input for Counter 1.
P3.4 (T0)
—Input to Counter 0.
P3.5 (SCLK/T1)
—SCLK input to SIU or input to Counter 1.
P3.6 (WR)
—External memory write signal.
P3.7 (RD)
—External memory read signal.
XTAL1
I
Crystal Input 1
—Connects to VSS when external clock is used on XTAL2.
May be connected to a crystal (with XTAL2) or may be driven directly with a
clock source (XTAL2 not connected).
XTAL2
O
Crystal Input 2
—May be connected to a crystal (with XTAL1) or may be driven
directly with an inverted clock source (XTAL1 tied to ground).
VSS
P
Ground.
VCC
P
+5V power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com