Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N8044AH-R0117 Datasheet(PDF) 51 Page - InnovASIC, Inc

Part # N8044AH-R0117
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

N8044AH-R0117 Datasheet(HTML) 51 Page - InnovASIC, Inc

Back Button N8044AH-R0117 Datasheet HTML 47Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 48Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 49Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 50Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 51Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 52Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 53Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 54Page - InnovASIC, Inc N8044AH-R0117 Datasheet HTML 55Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 51 of 65
1-888-824-4184
®
TRLAZ
RDn Low to Address Float
–
9
–
9
ns
TWHLH
RDn or WRn High to ALE High
83
83
TCLCL
TCLCL
ns
Table 50. Serial Interface Characteristics
Symbol
Parameter
Min
Max
Unit
TDCY
Data Clock
420
–
ns
TDCL
Data Clock Low
184
–
ns
TDCH
Data Clock High
184
–
ns
tTD
Transmit Data Delay
–
125
ns
tDSS
Data Setup Time
26
–
ns
tDHS
Data Hold Time
58
–
ns
Table 51. External Clock Drive Characteristics
Symbol
Parameter
Min
Max
Unit
TCLCL
Oscillator Period
52
–
ns
5.1
Memory Access Waveforms
The IA8044/IA8344 program memory read cycle, data memory read cycle, and data memory
write cycle are presented in Figures 13 through 15, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com