Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER37 Datasheet(PDF) 23 Page - STMicroelectronics

Part # VIPER37
Description  VIPerPlus family: fixed frequency offline converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER37 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VIPER37 Datasheet HTML 19Page - STMicroelectronics VIPER37 Datasheet HTML 20Page - STMicroelectronics VIPER37 Datasheet HTML 21Page - STMicroelectronics VIPER37 Datasheet HTML 22Page - STMicroelectronics VIPER37 Datasheet HTML 23Page - STMicroelectronics VIPER37 Datasheet HTML 24Page - STMicroelectronics VIPER37 Datasheet HTML 25Page - STMicroelectronics VIPER37 Datasheet HTML 26Page - STMicroelectronics VIPER37 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
VIPER37
Operation description
Doc ID 022218 Rev 1
23/35
Figure 27.
Timing diagram: behavior after short-circuit
8.6
Oscillator
The switching frequency is internally fixed to 60 kHz or 115 kHz. In both cases the switching
frequency is modulated by approximately ±4 kHz (60 kHz version) or ±8 kHz
(115 kHz version) at a 250 Hz (typ.) rate, so that the resulting spread-spectrum action
distributes the energy of each harmonic of the switching frequency over a number of side-
band harmonics having the same energy on the whole but smaller amplitudes.
8.7
Current mode conversion with adjustable current limit set
point
This device is a current mode converter: the drain current is sensed and converted into
voltage that is applied to the non-inverting pin of the PWM comparator. This voltage is
compared with the one on the feedback pin through a voltage divider on a cycle-by-cycle
basis.
The device has a default current limit value, IDlim, that the user can adjust according to the
electrical specifications, through the RLIM resistor connected to the CONT pin (see
Figure 16).
The CONT pin has a minimum current sunk, needed to activate the IDlim adjustment: without
RLIM or with high RLIM (i.e. 100 kΩ), the current limit is fixed to the default value (see IDlim,
Table 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com