Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER37 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPER37
Description  VIPerPlus family: fixed frequency offline converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER37 Datasheet(HTML) 5 Page - STMicroelectronics

  VIPER37 Datasheet HTML 1Page - STMicroelectronics VIPER37 Datasheet HTML 2Page - STMicroelectronics VIPER37 Datasheet HTML 3Page - STMicroelectronics VIPER37 Datasheet HTML 4Page - STMicroelectronics VIPER37 Datasheet HTML 5Page - STMicroelectronics VIPER37 Datasheet HTML 6Page - STMicroelectronics VIPER37 Datasheet HTML 7Page - STMicroelectronics VIPER37 Datasheet HTML 8Page - STMicroelectronics VIPER37 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
VIPER37
Pin settings
Doc ID 022218 Rev 1
5/35
3
Pin settings
Figure 3.
Connection diagram (top view)
Note:
The copper area for heat dissipation must be designed under the DRAIN pins.
Table 3.
Pin description
Pin n.
Name
Function
1
GND
This pin represents the device ground and the source of the power section.
2VDD
Supply voltage of the control section. This pin also provides the charging current
of the external capacitor during startup time.
3CONT
Control pin. The following functions can be selected:
1. current limit set point adjustment. The internal set default value of the cycle-by-
cycle current limit can be reduced by connecting to ground an external resistor.
2. output voltage monitoring. A voltage exceeding the VOVP threshold (see
Table 8) shuts the IC down reducing the device consumption. This function is
stropped and digitally filtered for high noise immunity.
4FB
Control input for duty cycle control. Internal current generator provides bias
current for loop regulation. A voltage below the threshold VFBbm activates the
burst mode operation. A level close to the threshold VFBlin means that we are
approaching the cycle-by-cycle overcurrent set point.
5BR
Brownout protection input with hysteresis. A voltage below the threshold VBRth
shuts down (not latched) the device and lowers the power consumption. Device
operation restarts as the voltage exceeds the threshold VBRth + VBRhyst.
It can be connected to ground when not used.
6...10
DRAIN
High voltage drain pin. The built-in high voltage switched startup bias current is
drawn from this pin too.
Pins connected to the metal frame to facilitate heat dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com