Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER37 Datasheet(PDF) 27 Page - STMicroelectronics

Part # VIPER37
Description  VIPerPlus family: fixed frequency offline converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER37 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button VIPER37 Datasheet HTML 23Page - STMicroelectronics VIPER37 Datasheet HTML 24Page - STMicroelectronics VIPER37 Datasheet HTML 25Page - STMicroelectronics VIPER37 Datasheet HTML 26Page - STMicroelectronics VIPER37 Datasheet HTML 27Page - STMicroelectronics VIPER37 Datasheet HTML 28Page - STMicroelectronics VIPER37 Datasheet HTML 29Page - STMicroelectronics VIPER37 Datasheet HTML 30Page - STMicroelectronics VIPER37 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
VIPER37
Operation description
Doc ID 022218 Rev 1
27/35
After the startup time, tSS, during which the feedback voltage is fixed at VFBlin, the output
capacitor may not be at its nominal value and the controller interprets this situation as an
overload condition. In this case, the OLP delay helps to avoid an incorrect device shutdown
during the startup phase.
Owing to the above considerations, the OLP delay time must be long enough to bypass the
initial output voltage transient and check the overload condition only when the output voltage
is in steady-state. The output transient time depends on the value of the output capacitor
and on the load.
When the value of the CFB capacitor calculated for the loop stability is too low and cannot
ensure enough OLP delay, an alternative compensation network can be used, shown in
Figure 31.
Using this alternative compensation network, two poles (fPFB, fPFB1) and one zero (fZFB) are
introduced by the capacitors CFB and CFB1 and the resistor RFB1.
The capacitor CFB introduces a pole (fPFB) at a higher frequency than fZB and fPFB1. This
pole is usually used to compensate the high frequency zero due to the ESR (equivalent
series resistor) of the output capacitance of the flyback converter.
The mathematical expressions of these poles and zero frequency, considering the scheme
in
Figure 31, are reported by the equations below:
Equation 6
Equation 7
Equation 8
RFB(DYN) is the dynamic resistance seen by the FB pin.
The CFB1 capacitor fixes the OLP delay and usually CFB1 results much higher than CFB.
Equation 5 can still be used to calculate the OLP delay time but CFB1 must be considered
instead of CFB. Using the alternative compensation network, the user can satisfy, in all
cases, the loop stability and the correct OLP delay time alike.
1
FB
1
FB
ZFB
R
C
2
1
f
⋅
⋅
π
⋅
=
()
1
FB
)
DYN
(
FB
FB
1
FB
)
DYN
(
FB
PFB
R
R
C
2
R
R
f
⋅
⋅
⋅
π
⋅
+
=
()
)
DYN
(
FB
1
FB
1
FB
1
PFB
R
R
C
2
1
f
+
⋅
⋅
π
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com