Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER37 Datasheet(PDF) 31 Page - STMicroelectronics

Part # VIPER37
Description  VIPerPlus family: fixed frequency offline converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER37 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VIPER37 Datasheet HTML 27Page - STMicroelectronics VIPER37 Datasheet HTML 28Page - STMicroelectronics VIPER37 Datasheet HTML 29Page - STMicroelectronics VIPER37 Datasheet HTML 30Page - STMicroelectronics VIPER37 Datasheet HTML 31Page - STMicroelectronics VIPER37 Datasheet HTML 32Page - STMicroelectronics VIPER37 Datasheet HTML 33Page - STMicroelectronics VIPER37 Datasheet HTML 34Page - STMicroelectronics VIPER37 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
VIPER37
Operation description
Doc ID 022218 Rev 1
31/35
In order to enable the brownout function, the BR pin voltage must be higher than the
maximum VDIS threshold (150 mV), see Table 8.
8.13
2nd level overcurrent protection and hiccup mode
The device is protected against short-circuit of the secondary rectifier, short-circuit on the
secondary winding, or a hard-saturation of the flyback transformer. Such an anomalous
condition is invoked when the drain current exceeds the threshold IDMAX (see Table 8).
To distinguish a real malfunction from a disturbance (e.g. induced during ESD tests) a
“warning state” is entered after the first signal trip. If, in the subsequent switching cycle, the
signal is not tripped, a temporary disturbance is assumed and the protection logic is reset in
its idle state; otherwise, if the IDMAX threshold is exceeded for two consecutive switching
cycles, a real malfunction is assumed and the Power MOSFET is turned off.
The shutdown condition is latched as long as the device is supplied. While it is disabled, no
energy is transferred from the auxiliary winding; hence the voltage on the VDD capacitor
decays to the VDD undervoltage threshold (VDDoff), which clears the latch.
The startup HV current generator is still off, until the VDD voltage goes below its restart
voltage, VDD(RESTART). After this condition the VDD capacitor is charged again by a 600 µA
current, and the converter switching restarts if the VDDon occurs. If the fault condition is not
removed the device enters auto-restart mode. This behavior results in a low-frequency
intermittent operation (hiccup-mode operation), with very low stress on the power circuit.
See the timing diagram of
Figure 34.
Figure 34.
Timing diagram: hiccup-mode OCP
VDRAIN
VDD
IDRAIN
VDDon
time
VDDoff
VDD(RESTART)
time
time
Hiccup-mode
Secondary diode
short circuit
Normal operation
IDMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com