Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739BBC Datasheet(PDF) 44 Page - Analog Devices

Part # AD9739BBC
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBC Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9739BBC Datasheet HTML 40Page - Analog Devices AD9739BBC Datasheet HTML 41Page - Analog Devices AD9739BBC Datasheet HTML 42Page - Analog Devices AD9739BBC Datasheet HTML 43Page - Analog Devices AD9739BBC Datasheet HTML 44Page - Analog Devices AD9739BBC Datasheet HTML 45Page - Analog Devices AD9739BBC Datasheet HTML 46Page - Analog Devices AD9739BBC Datasheet HTML 47Page - Analog Devices AD9739BBC Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
AD9739
Data Sheet
Rev. B | Page 44 of 48
LAB EVALUATION OF THE AD9739
Figure 72 shows a recommended lab setup that was used to
characterize the performance of the AD9739. The DPG2 is a
dual port LVDS/CMOS data pattern generator available from
Analog Devices, Inc., with an up to 1.25 GSPS data rate. The
DPG2 directly interfaces to the AD9739 evaluation board via
Tyco Z-PACK HM-Zd connectors. A low phase noise/jitter RF
source, such as an R&S SMA100A signal generator, is used for
the DAC clock. A 5 V power supply is used to power up the
AD9739 evaluation board, and SMA cabling is used to interface
to the supply, clock source, and spectrum analyzer. A USB 2.0
interface to a host PC is used to communicate to both the AD9739
evaluation board and the DPG2.
A high dynamic range spectrum analyzer is required to evaluate
the AD9739 reconstructed waveform’s ac performance. This is
especially the case when measuring ACLR performance for high
dynamic range applications, such as multicarrier DOCSIS CMTS
applications. Harmonic, SFDR, and IMD measurements pertaining
to unmodulated carriers can benefit by using a sufficiently high
RF attenuation setting because these artifacts are easy to identify
above the spectrum analyzer noise floor. However, reconstructed
waveforms having modulated carrier(s) often benefit from the
use of a high dynamic range RF amplifier and/or passive filters
to measure close-in and wideband ACLR performance when
using spectrum analyzers of limited dynamic range.
ADI PATTERN GENERATOR
DPG2
AD9739
EVAL. BOARD
RHODE AND
SCHWARTZ
SMA 100A
AGILENT PSA
E4440A
10 MHz
REFIN
10 MHz
REOUT
LAB
PC
USB 2.0
GPIB
LVDS
DATA
AND DCI
DCO
1.6GHz TO
2.5GHz
3dBm
POWER
SUPPLY
+5V
Figure 72. Lab Test Setup Used to Characterize the AD9739
POWER DISSIPATION AND SUPPLY DOMAINS
The power dissipation of the AD9739 is dependent on the DAC
clock rate as shown in Figure 73 and Figure 74. The current
consumption from the 3.3 V supply remains relatively constant
because it is used for biasing the DAC core (that is, VDDA) and
differential input receivers (that is, VDD33). However, the current
consumption from the 1.8 V supply is clock rate dependent and
increases linearly with frequency because this supply is used by
the digital path (that is, VDD) as well as the clock distribution
circuitry (that is, VDDC).
Treat the VDDC supply as an analog supply because the clock
distribution circuitry has poor power supply rejection; therefore,
noise on this supply can induce clock jitter. To ensure low noise
on this sensitive supply, use a separate 1.8 V regulator powered
from the 3.3 V analog supply rail that is also used to power
VDDA. This supply rail can also be used to power-up VDD33
via an LC filter network. The digital 1.8 V supply, VDD, can be
supplied via a well-filtered switching regulator.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0
250
500
750 1000 1250 1500 1750 2000 2250 2500
TOTAL
VDD
VDDC
VDDA
VDD33
fDAC (MHz)
Figure 73. Power Consumption vs. fDAC @ 25°C
0
30
60
90
120
150
180
210
240
270
300
330
360
0
250
500
750 1000 1250 1500 1750 2000 2250 2500
I_VDD
I_VDDC
I_VDDA
fDAC (MHz)
I_VDD33
Figure 74. Current Consumption vs. fDAC @ 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com