Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739BBC Datasheet(PDF) 23 Page - Analog Devices

Part # AD9739BBC
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBC Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9739BBC Datasheet HTML 19Page - Analog Devices AD9739BBC Datasheet HTML 20Page - Analog Devices AD9739BBC Datasheet HTML 21Page - Analog Devices AD9739BBC Datasheet HTML 22Page - Analog Devices AD9739BBC Datasheet HTML 23Page - Analog Devices AD9739BBC Datasheet HTML 24Page - Analog Devices AD9739BBC Datasheet HTML 25Page - Analog Devices AD9739BBC Datasheet HTML 26Page - Analog Devices AD9739BBC Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
Data Sheet
AD9739
Rev. B | Page 23 of 48
TxDAC FULL-SCALE CURRENT SETTING (IOUTFS) AND SLEEP
Table 14. TxDAC Full-Scale Current Setting (IOUTFS) and Sleep Register
Address
(Hex)
Name
Bit
R/W
Default
Setting
Comments
0x06
FSC_1
[7:0]
R/W
0x00
FSC_2
[1:0]
R/W
Sets the TxDAC IOUTFS current between 8 mA and 31 mA (default = 20 mA).
IOUTFS = 0.0226 × FSC[9:0] + 8.58, where FSC = 0 to 1023.
0x07
Sleep
7
R/W
0x02
0 = enable DAC output, 1 = disable DAC output (sleep).
TxDAC QUAD-SWITCH MODE OF OPERATION
Table 15. TxDAC Quad-Switch Mode of Operation Register
Address
(Hex)
Name
Bit
R/W
Default
Setting
Comments
0x08
DAC-DEC
[1:0]
R/W
0x00
0x00 = normal baseband mode.
0x01 = return-to-zero mode.
0x02 = mix mode.
DCI PHASE ALIGNMENT STATUS
Table 16. DCI Phase Alignment Status Register
Address
(Hex)
Name
Bit
R/W
Default
Setting
Comments
DCI_PRE_PH0
2
R
0
0 = DCI rising edge is after the PRE delayed version of the Phase 0 sampling edge.
1 = DCI rising edge is before the PRE delayed version of the Phase 0 sampling edge.
0x0C
DCI_PST_PH0
0
R
0
0 = DCI rising edge is after the POST delayed version of the Phase 0 sampling edge.
1 = DCI rising edge is before the POST delayed version of the Phase 0 sampling edge.
SYNC_IN PHASE ALIGNMENT STATUS
Table 17. SYNC_IN Phase Alignment Status Register
Address
(Hex)
Name
Bit
R/W
Default
Setting
Comments
SYNC_IN_PH90
5
R
0
0 = SYNCIN rising edge is after Phase 90 sampling edge.
1 = SYNCIN rising edge is before Phase 90 sampling edge.
0x0D
SYNC_IN_PH0
4
R
0
0 = SYNCIN rising edge is after Phase 0 sampling edge.
1 = SYNCIN rising edge is before Phase 0 sampling edge.
DATA RECEIVER CONTROLLER CONFIGURATION
Table 18. Data Receiver Controller Configuration Register
Address
(Hex)
Name
Bit
R/W
Default
Setting
Comments
SYNC_FLG_RST
7
W
0
Sync controller flag reset. Write 1 followed by 0 to reset flags.
SYNC_LOOP_ON
6
R/W
1
0 = disable, 1 = enable. Enable for master only. When enabled, sync controller
generates an IRQ when master falls out of lock and automatically begins
search/track routine.
SYNC_MST/SLV
5
R/W
0
Sync controller configuration. 0 = slave, 1 = master.
SYNC_CNT_ENA
4
R/W
0
Sync controller enable. 0 = disable, 1 = enable
RCVR_FLG_RST
2
W
0
Data receiver controller flag reset. Write 1 followed by 0 to reset flags.
RCVR_LOOP_ON
1
R/W
1
0 = disable, 1 = enable. When enabled, the data receiver controller generates an IRQ;
it falls out of lock and automatically begins a search/track routine.
0x10
RCVR_CNT_ENA
0
R/W
0
Data receiver controller enabled. 0 = disable, 1 = enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com