Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739BBC Datasheet(PDF) 11 Page - Analog Devices

Part # AD9739BBC
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBC Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9739BBC Datasheet HTML 7Page - Analog Devices AD9739BBC Datasheet HTML 8Page - Analog Devices AD9739BBC Datasheet HTML 9Page - Analog Devices AD9739BBC Datasheet HTML 10Page - Analog Devices AD9739BBC Datasheet HTML 11Page - Analog Devices AD9739BBC Datasheet HTML 12Page - Analog Devices AD9739BBC Datasheet HTML 13Page - Analog Devices AD9739BBC Datasheet HTML 14Page - Analog Devices AD9739BBC Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Data Sheet
AD9739
Rev. B | Page 11 of 48
Pin No.
Mnemonic
Description
L7, M7
DB1[6]P/DB1[6]N
Port 1 Positive/Negative Data Input Bit 6.
L8, M8
DB1[7]P/DB1[7]N
Port 1 Positive/Negative Data Input Bit 7.
L9, M9
DB1[8]P/DB1[8]N
Port 1 Positive/Negative Data Input Bit 8.
L10, M10
DB1[9]P/DB1[9]N
Port 1 Positive/Negative Data Input Bit 9.
L11, M11
DB1[10]P/DB1[10]N
Port 1 Positive/Negative Data Input Bit 10.
L12, M12
DB1[11]P/DB1[11]N
Port 1 Positive/Negative Data Input Bit 11.
L13, M13
DB1[12]P/DB1[12]N
Port 1 Positive/Negative Data Input Bit 12.
L14, M14
DB1[13]P/DB1[13]N
Port 1 Positive/Negative Data Input Bit 13.
N1, P1
DB0[0]P/DB0[0]N
Port 0 Positive/Negative Data Input Bit 0.
N2, P2
DB0[1]P/DB0[1]N
Port 0 Positive/Negative Data Input Bit 1.
N3, P3
DB0[2]P/DB0[2]N
Port 0 Positive/Negative Data Input Bit 2.
N4, P4
DB0[3]P/DB0[3]N
Port 0 Positive/Negative Data Input Bit 3.
N5, P5
DB0[4]P/DB0[4]N
Port 0 Positive/Negative Data Input Bit 4.
N6, P6
DB0[5]P/DB0[5]N
Port 0 Positive/Negative Data Input Bit 5.
N7, P7
DB0[6]P/DB0[6]N
Port 0 Positive/Negative Data Input Bit 6.
N8, P8
DB0[7]P/DB0[7]N
Port 0 Positive/Negative Data Input Bit 7.
N9, P9
DB0[8]P/DB0[8]N
Port 0 Positive/Negative Data Input Bit 8.
N10, P10
DB0[9]P/DB0[9]N
Port 0 Positive/Negative Data Input Bit 9.
N11, P11
DB0[10]P/DB0[10]N
Port 0 Positive/Negative Data Input Bit 10.
N12, P12
DB0[11]P/DB0[11]N
Port 0 Positive/Negative Data Input Bit 11.
N13, P13
DB0[12]P/DB0[12]N
Port 0 Positive/Negative Data Input Bit 12.
N14, P14
DB0[13]P/DB0[13]N
Port 0 Positive/Negative Data Input Bit 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com