Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739BBC Datasheet(PDF) 29 Page - Analog Devices

Part # AD9739BBC
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBC Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9739BBC Datasheet HTML 25Page - Analog Devices AD9739BBC Datasheet HTML 26Page - Analog Devices AD9739BBC Datasheet HTML 27Page - Analog Devices AD9739BBC Datasheet HTML 28Page - Analog Devices AD9739BBC Datasheet HTML 29Page - Analog Devices AD9739BBC Datasheet HTML 30Page - Analog Devices AD9739BBC Datasheet HTML 31Page - Analog Devices AD9739BBC Datasheet HTML 32Page - Analog Devices AD9739BBC Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Data Sheet
AD9739
Rev. B | Page 29 of 48
FINE
DELAY
DDR
FF
DBx[13:1]
DATA RECEIVER CONTROLLER
DCI DELAY
SAMPLE
DELAY
DCI
PRE
POST
SAMPLE
DCI WINDOW PRE
DCI WINDOW POST
DCI WINDOW SAMPLE
DATA TO
CORE
DELAY
DELAY
FINE
DELAY
FINE
DELAY
STATE MACHINE/
TRACKING LOOP
ELASTIC FIFO
DDR
FF
DDR
FF
DDR
FF
DDR
FF
180
0
FDAC
DIV-BY-4
TO SYNC
CONTROLLER
PHASE
ROTATION
FROM SYNC CONTROLLER
OR
SPI REG 0x14, BIT[7:6]
90
270
DELAY
DELAY
DDR
FF
DDR
FF
DCI
DELAY
PATH
SAMPLE
DELAY
PATH
DCO
DIV-BY-4
Figure 42. Top Level Diagram of the Data Receiver Controller
The div-by-4 circuit generates four clock phases that serve as inputs
to the data receiver controller. All of the DDR registers in the data
and DCI paths operate on both clock edges; however, for clarity
purposes, only the phases (that is, 0o and 90o) corresponding to
the positive edge of each path are shown. One of the div-by-4
phases is used to generate the DCO signal; therefore, the phase
relationship between DCO and clocks fed into the controller
remains fixed. Note that it is this attribute that allows possible
factory calibration of images and clock spurs attributed to fDAC/4
modulation of the critical DAC clock.
Once this data has been successively sampled into the first set
of registers, an elastic FIFO is used to transfer the data into
the AD9739 clock domain. To continuously track any phase
variation between the two clock domains, the data receiver
controller should always be enabled and placed into track
mode (Register 0x10, Bit 1 and Bit 0). Tracking mode operates
continuously in the background to track delay variations between
the host and AD9739 clock domains. It does so by ensuring that
the DCI signal is sampled within a very narrow window defined
by two internally generated clocks (that is, PRE and PST), as
shown in Figure 43.
Proper sampling of the DCI signal can also be confirmed by
monitoring the status of DCI_PRE_PH0 (Register 0x0C, Bit 2)
and DCI_PST_PH0 (Register 0x0C, Bit 0). If the delay settings
are correct, the state of DCI_ PRE_PH0 should be 0, and the
state of DCI_PST_PH0 should be 1. Note that the states of these
status bits may toggle occasionally due to cycle-to cycle jitter
exceeding the window width. However, the controller averages
these status bits over multiple clock cycles to ensure that the
DCI signal falls within a programmable window.
DCI
FINE DELAY
PST
FINE DELAY
PRE
FINE_DEL_SKEW
Figure 43. Pre- and Post-Delay Sampling Diagram
The skew or window width (FINE_DEL_SKEW) is set via
Register 0x13, Bits[3:0], with a maximum skew of approximately
180 ps and resolution of 12 ps. It is recommended that the skew
be set to 36 ps (that is, Register 0x13 = 0x72) during initialization.
The skew setting also affects the speed of the controller loop,
with tighter skew settings corresponding to longer response time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com