Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7392ARZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD7392ARZ
Description  3 V, Parallel Input Micropower 10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7392ARZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7392ARZ Datasheet HTML 2Page - Analog Devices AD7392ARZ Datasheet HTML 3Page - Analog Devices AD7392ARZ Datasheet HTML 4Page - Analog Devices AD7392ARZ Datasheet HTML 5Page - Analog Devices AD7392ARZ Datasheet HTML 6Page - Analog Devices AD7392ARZ Datasheet HTML 7Page - Analog Devices AD7392ARZ Datasheet HTML 8Page - Analog Devices AD7392ARZ Datasheet HTML 9Page - Analog Devices AD7392ARZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD7392/AD7393
Rev. C | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VDD to GND
−0.3 V, +8 V
VREF to GND
−0.3 V, VDD
Logic Inputs to GND
−0.3 V, VDD + 0.3 V
VOUT to GND
−0.3 V, VDD + 0.3 V
IOUT Short Circuit to GND
50 mA
DGND to AGND
−0.3 V, +2 V
Package Power Dissipation
(TJ max − TA)/θJA
Thermal Resistance (θJA)
20-Lead PDIP (N 20)
57°C/W
20-Lead SOIC (R-20)
60°C/W
Maximum Junction Temperature (TJ max)
150°C
Operating Temperature Range
−40°C to +85°C
AD7393AR
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
Reflow Soldering Peak Temperature
SnPb
240°C
Pb-Free
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com