Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7392ARZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7392ARZ
Description  3 V, Parallel Input Micropower 10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7392ARZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7392ARZ Datasheet HTML 9Page - Analog Devices AD7392ARZ Datasheet HTML 10Page - Analog Devices AD7392ARZ Datasheet HTML 11Page - Analog Devices AD7392ARZ Datasheet HTML 12Page - Analog Devices AD7392ARZ Datasheet HTML 13Page - Analog Devices AD7392ARZ Datasheet HTML 14Page - Analog Devices AD7392ARZ Datasheet HTML 15Page - Analog Devices AD7392ARZ Datasheet HTML 16Page - Analog Devices AD7392ARZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD7392/AD7393
Rev. C | Page 13 of 20
POWER SUPPLY
The very low power consumption of the AD7392/AD7393 is
a direct result of a circuit design that optimizes the CBCMOS
process. By using the low power characteristics of CMOS for the
logic and the low noise, tight-matching of the complementary
bipolar transistors, excellent analog accuracy is achieved. One
advantage of the rail-to-rail output amplifiers used in the AD7392/
AD7393 is the wide range of usable supply voltage. The part is
fully specified and tested for operation from 2.7 V to 5.5 V.
5V
POWER SUPPLY
5V
5V
RETURN
FERRITE BEAD:
2 TURNS, FAIR-RITE
#2677006301
TTL/CMOS
LOGIC
CIRCUITS
+ 100µF
ELECT.
+10µF TO 22µF
TANT.
+ 0.1µF
CER.
Figure 28. Use Separate Traces to Reduce Power Supply Noise
Whether or not a separate power supply trace is available, gen-
erous supply bypassing reduces supply line induced errors. Local
supply bypassing, consisting of a 10 μF tantalum electrolytic in
parallel with a 0.1 μF ceramic capacitor, is recommended for all
applications (see Figure 29).
VOUT
CS
1
20
19
17, 18
4
3
2
C
*
RS
D0 TO D11
2.7V TO 5.5V
VDD
VREF
GND
SHDN
AD7392
OR
AD7393
0.1µF
10µF
+
* OPTIONAL EXTERNAL
REFERENCE BYPASS
Figure 29. Recommended Supply Bypassing for the AD7392/AD7393
INPUT LOGIC LEVELS
All digital inputs are protected with a Zener-type ESD protection
structure that allows logic input voltages to exceed the VDD supply
voltage (see Figure 30). This feature is useful if the user is driving
one or more of the digital inputs with a 5 V CMOS logic input
voltage level while operating the AD7392/AD7393 on a 3 V
power supply. If this interface is used, make sure that the VOL
of the 5 V CMOS meets the VIL input requirement of the AD7392/
AD7393 operating at 3 V. See Figure 12 for a graph of digital
logic input threshold vs. operating VDD supply voltage.
VDD
LOGIC
IN
GND
1kΩ
Figure 30. Equivalent Digital Input ESD Protection
To minimize power dissipation from input logic levels that
are near the VIH and VIL logic input voltage specifications, a
Schmitt-trigger design was used that minimizes the input
buffer current consumption compared to traditional CMOS
input stages. Figure 11 is a plot of supply current vs. incremental
input voltage, showing that negligible current consumption
takes place when logic levels are in their quiescent state. The
normal crossover current still occurs during logic transitions.
A secondary advantage of this Schmitt trigger is the prevention
of false triggers that would occur with slow moving logic transi-
tions when a standard CMOS logic interface or opto-isolators
are used. Logic inputs D11 to D0, CS, RS, and SHDN all contain
the Schmitt-trigger circuits.
DIGITAL INTERFACE
The AD7392/AD7393 have a parallel data input. A functional
block diagram of the digital section is shown in Figure 31,
while Table 6 contains the truth table for the logic control
inputs. The chip select pin (CS) controls loading of data from
the data inputs on Pin D11 to Pin D0. This active low input
places the input register into a transparent state allowing the
data inputs to directly change the DAC ladder values. When
CS returns to logic high within the data setup-and-hold time
specifications, the new value of data in the input register are
latched. See Table 6 for a complete listing of conditions.
Dx
CS
RS
TO
INTERNAL
DAC SWITCHES
1 OF 12 LATCHES
OF THE
DAC REGISTER
Figure 31. Digital Control Logic
Table 6. Control Logic Truth Table
CS
RS
DAC Register Function
H
H
Latched
L
H
Transparent
↑1
H
Latched with new data
X2
L
Loaded with all zeros
H
↑1
Latched all zeros
1
↑ = Positive logic transition.
2 X = Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com