Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7392ARZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD7392ARZ
Description  3 V, Parallel Input Micropower 10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7392ARZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7392ARZ Datasheet HTML 5Page - Analog Devices AD7392ARZ Datasheet HTML 6Page - Analog Devices AD7392ARZ Datasheet HTML 7Page - Analog Devices AD7392ARZ Datasheet HTML 8Page - Analog Devices AD7392ARZ Datasheet HTML 9Page - Analog Devices AD7392ARZ Datasheet HTML 10Page - Analog Devices AD7392ARZ Datasheet HTML 11Page - Analog Devices AD7392ARZ Datasheet HTML 12Page - Analog Devices AD7392ARZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD7392/AD7393
Rev. C | Page 9 of 20
100
95
90
85
80
75
70
65
60
55
50
0
VLOGIC FROM
0V TO 3V
VLOGIC FROM
3V TO 0V
3.0
2.5
2.0
1.5
1.0
0.5
VIN (V)
AD7392
VDD = 3V
TA = 25°C
Figure 11. Supply Current vs. Logic Input Voltage
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
17
6
5
4
3
2
SUPPLY VOLTAGE (V)
AD7392
CODE = 0xFFF
VREF = 2V
RS LOGIC VOLTAGE
VARIED
VLOGIC FROM
LOW TO HIGH
VLOGIC FROM
HIGH TO LOW
Figure 12. Logic Threshold vs. Supply Voltage
100
30
40
50
60
70
80
90
20
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
VDD = 5V, VLOGIC = 0V
VDD = 3.6V, VLOGIC = 2.4V
VDD = 3V, VLOGIC = 0V
AD7392
SAMPLE SIZE = 300 UNITS
Figure 13. Supply Current vs. Temperature
1000
800
600
400
200
0
1k
10k
100k
1M
10M
CLOCK FREQUENCY (Hz)
a
b
c
d
a. VDD = 5.5V, CODE = 0x155
b. VDD = 5.5V, CODE = 0x3FF
c. VDD = 2.7V, CODE = 0x155
d. VDD = 2.7V, CODE = 0x355
AD7392
VLOGIC = 0V TO VDD TO 0V
VREF = 2.5V
TA = 25°C
Figure 14. Supply Current vs. Clock Frequency
60
50
40
30
20
10
0
10
100
1k
10k
FREQUENCY (Hz)
TA = 25°C
VDD = 5V ± 5%
VDD = 3V ± 5%
Figure 15. Power Supply Rejection Ratio vs. Frequency
40
30
20
10
0
05
4
3
2
1
VOUT (V)
VDD = 5V
VREF = 3V
CODE = 0x000
Figure 16. IOUT at Zero Scale vs. VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com