Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7392ARZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD7392ARZ
Description  3 V, Parallel Input Micropower 10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7392ARZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7392ARZ Datasheet HTML 7Page - Analog Devices AD7392ARZ Datasheet HTML 8Page - Analog Devices AD7392ARZ Datasheet HTML 9Page - Analog Devices AD7392ARZ Datasheet HTML 10Page - Analog Devices AD7392ARZ Datasheet HTML 11Page - Analog Devices AD7392ARZ Datasheet HTML 12Page - Analog Devices AD7392ARZ Datasheet HTML 13Page - Analog Devices AD7392ARZ Datasheet HTML 14Page - Analog Devices AD7392ARZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD7392/AD7393
Rev. C | Page 11 of 20
TIME (100µs/DIV)
RL = 1MΩ TO GND
TA = 25°C
5V
500mV
IDD (µA)
100
50
0
VOUT (V)
2
0
SHDN
1
0
2V
VDD = 5V
VREF = 2.5V
CODE = 0xFFF
AD7392
100
90
10
0%
100µs
Figure 23. Shutdown Recovery Time
10
–55
–35
–15
5
25
45
65
85
105
125
100
1000
AD7392
TEMPERATURE (°C)
VDD = 5.5V
VREF = 2.5V
SHDN = 0V
Figure 24. Shutdown Current vs. Temperature
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
512
1024
1536
2048
2560
3072
3584
4096
AD7392
CODE (Decimal)
VDD = 2.7V
VREF = 2.5V
TA = 25°C
Figure 25. AD7392 Differential Nonlinearity Error vs. Code
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
128
256
384
512
640
768
896
1024
AD7393
CODE (Decimal)
VDD = 2.7V
VREF = 2.5V
TA = 25°C
Figure 26. AD7393 Differential Nonlinearity Error vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com