Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC331BSTZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADMC331BSTZ
Description  Single Chip DSP Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC331BSTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADMC331BSTZ Datasheet HTML 12Page - Analog Devices ADMC331BSTZ Datasheet HTML 13Page - Analog Devices ADMC331BSTZ Datasheet HTML 14Page - Analog Devices ADMC331BSTZ Datasheet HTML 15Page - Analog Devices ADMC331BSTZ Datasheet HTML 16Page - Analog Devices ADMC331BSTZ Datasheet HTML 17Page - Analog Devices ADMC331BSTZ Datasheet HTML 18Page - Analog Devices ADMC331BSTZ Datasheet HTML 19Page - Analog Devices ADMC331BSTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ADMC331
–16–
REV. B
where the subscript 1 refers to the value of that register during
the first half cycle and the subscript 2 refers to the value during
the second half cycle. The corresponding duty cycles are:
dAL
=
T AH
TS
=
(PWMCHA1
+ PWMCHA
2 – PWMDT 1 – PWMDT 2 )
(PWMTM1
+ PWMTM
2 )
dAL
=
T AL
TS
=
(PWMTM1
+ PWMTM
2 – PWMCHA1 – PWMCHA2 – PWMDT 1 – PWMDT 2 )
(PWMTM1
+ PWMTM
2 )
since for the completely general case in double update mode,
the switching period is given by:
TS
= (PWMTM
1
+ PWMTM
2 )
× t
CK
Again, the values of TAH and TAL are constrained to lie between
zero and TS.
Similar PWM signals to those illustrated in Figure 6 and Fig-
ure 7 can be produced on the BH, BL, CH and CL outputs by
programming the PWMCHB and PWMCHC registers in a man-
ner identical to that described for PWMCHA.
The PWM controller does not produce any PWM outputs until
all of the PWMTM, PWMCHA, PWMCHB and PWMCHC
registers have been written to at least once. Once these registers
have been written, internal counting of the timers in the three-
phase timing unit is enabled.
Effective PWM Resolution
In single update mode, the same value of PWMCHA, PWM-
CHB and PWMCHC are used to define the on-times in both
half cycles of the PWM period. As a result, the effective resolu-
tion of the PWM generation process is 2 tCK (or 76.9 ns for a
26 MHz CLKOUT) since incrementing one of the duty-cycle
registers by 1 changes the resultant on-time of the associated
PWM signals by tCK in each half period (or 2 tCK for the full
period).
In double update mode, improved resolution is possible since
different values of the duty cycles registers are used to define the
on-times in both the first and second halves of the PWM period.
As a result, it is possible to adjust the on-time over the whole
period in increments of tCK. This corresponds to an effective
PWM resolution of tCK in double update mode (or 38.5 ns for a
26 MHz CLKOUT).
The achievable PWM switching frequency at a given PWM
resolution is tabulated in Table V.
Table V. Achievable PWM Resolution in Single and Double
Update Modes
Resolution Single Update Mode
Double Update Mode
(Bit)
PWM Frequency (kHz)
PWM Frequency (kHz)
8
50.7
101.5
9
25.4
50.7
10
12.7
25.4
11
6.3
12.7
12
3.2
6.3
Minimum Pulsewidth, PWMPD Register
In many power converter switching applications, it is desirable
to eliminate PWM switching signals below a certain width. It
takes a certain finite time to both turn on and turn off modern
power semiconductor devices. Therefore, if the width of any of
the PWM signals goes below some minimum value, it may be
desirable to completely eliminate the PWM switching for that
particular cycle.
The allowable minimum on-time for any of the six PWM out-
puts over half a PWM period that can be produced by the PWM
controller may be programmed using the 10-bit read/write
PWMPD register. The minimum on-time is programmed in
increments of tCK so that the minimum on-time that will be
produced over any half PWM period, TMIN, is related to the
value in the PWMPD register by:
T MIN
= PWMPD × t
CK
so that a PWMPD value of 0x002 defines a permissible mini-
mum on-time of 76.9 ns for a 26 MHz CLKOUT.
In each half cycle of the PWM, the timing unit checks the on-
time of each of the six PWM signals. If any of the times are
found to be less than the value specified by the PWMPD regis-
ter, the corresponding PWM signal is turned OFF for the entire
half period and its complementary signal is turned completely
ON.
Consider the example where PWMTM = 200, PWMCHA = 5,
PWMDT = 3, PWMPD = 10 with a CLKOUT of 26 MHz
and operation in single update mode. In this case, the PWM
switching frequency is 65 kHz and the dead time is 230 ns.
The permissible on-time of any PWM signal over one half of
any period is 384.6 ns. Clearly, for this example, the dead
time adjusted on-time of the AH signal over half a PWM
period is (5–3)
× 38.5 ns = 77 ns. This is less than the permis-
sible value, so the timing unit will output a completely OFF
(0% duty cycle) signal on AH. Additionally, the AL signal will
be turned ON for the entire half period (100% duty cycle).
Switched Reluctance Mode
The PWM block of the ADMC331 contains a switched reluc-
tance mode that is controlled by the state of the
PWMSR pin.
The switched reluctance (SR) mode is enabled by connecting
the
PWMSR pin to GND. In this SR mode, the low side PWM
signals from the three-phase timing unit assume permanently
ON states, independent of the value written to the duty-cycle
registers. The duty cycles of the high side PWM signals from
the timing unit are still determined by the three duty-cycle regis-
ters. Using the crossover feature of the output control unit, it is
possible to divert the permanently ON PWM signals to either
the high side or the low side outputs. This mode is necessary
because in the typical power converter configuration for switched
or variable reluctance motors, the motor winding is connected
between the two power switches of a given inverter leg. There-
fore, in order to build up current in the motor winding, it is
necessary to turn on both switches at the same time. Typical
active LO PWM signals during operation in SR mode are shown
in Figure 8 for operation in double update mode. It is clear that
the three low side signals (AL, BL and CL) are permanently ON
and the three high side signals are modulated so that the corre-
sponding high side power switches are switched between the ON
and OFF states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com