Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC331BSTZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADMC331BSTZ
Description  Single Chip DSP Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC331BSTZ Datasheet(HTML) 3 Page - Analog Devices

  ADMC331BSTZ Datasheet HTML 1Page - Analog Devices ADMC331BSTZ Datasheet HTML 2Page - Analog Devices ADMC331BSTZ Datasheet HTML 3Page - Analog Devices ADMC331BSTZ Datasheet HTML 4Page - Analog Devices ADMC331BSTZ Datasheet HTML 5Page - Analog Devices ADMC331BSTZ Datasheet HTML 6Page - Analog Devices ADMC331BSTZ Datasheet HTML 7Page - Analog Devices ADMC331BSTZ Datasheet HTML 8Page - Analog Devices ADMC331BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ADMC331
–3–
REV. B
TIMING PARAMETERS
Parameter
Min
Max
Unit
Clock Signals
tCK is defined as 0.5 tCKI. The ADMC331 uses an input clock with a frequency equal
to half the instruction rate; a 13 MHz input clock (which is equivalent to 76.9 ns)
yields a 38.5 ns processor cycle (equivalent to 26 MHz). tCK values within the range
of 0.5 tCKI period should be substituted for all relevant timing parameters to obtain
specification value.
Example: tCKH = 0.5 tCK – 10 ns = 0.5 (38.5 ns) – 10 ns = 9.25 ns.
Timing Requirements:
tCKI
CLKIN Period
76.9
150
ns
tCKIL
CLKIN Width Low
20
ns
tCKIH
CLKIN Width High
20
ns
Switching Characteristics:
tCKL
CLKOUT Width Low
0.5 tCK – 10
ns
tCKH
CLKOUT Width High
0.5 tCK – 10
ns
tCKOH
CLKIN High to CLKOUT High
0
20
ns
Control Signals
Timing Requirement:
tRSP
RESET Width Low
5 tCK
1
ns
PWM Shutdown Signals
Timing Requirement:
tPWMTPW
PWMTRIP Width Low
2 tCK
ns
NOTE
1Applies after power-up sequence is complete. Internal phase lock loop requires no more than 2000 CLKIN cycles assuming stable CLKIN (not including crystal
oscillator start-up time).
CLKIN
CLKOUT
tCKOH
tCKI
tCKIH
tCKH
tCKL
tCKIL
Figure 1. Clock Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com