Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC331BSTZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADMC331BSTZ
Description  Single Chip DSP Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC331BSTZ Datasheet(HTML) 1 Page - Analog Devices

  ADMC331BSTZ Datasheet HTML 1Page - Analog Devices ADMC331BSTZ Datasheet HTML 2Page - Analog Devices ADMC331BSTZ Datasheet HTML 3Page - Analog Devices ADMC331BSTZ Datasheet HTML 4Page - Analog Devices ADMC331BSTZ Datasheet HTML 5Page - Analog Devices ADMC331BSTZ Datasheet HTML 6Page - Analog Devices ADMC331BSTZ Datasheet HTML 7Page - Analog Devices ADMC331BSTZ Datasheet HTML 8Page - Analog Devices ADMC331BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADMC331
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Single Chip DSP
Motor Controller
FUNCTIONAL BLOCK DIAGRAM
ARITHMETIC UNITS
SHIFTER
MAC
ALU
MEMORY
SPORT 1
TIMER
DATA
RAM
1K
16
PROGRAM
ROM
2K
24
PROGRAM
RAM
2K
24
WATCH-
DOG
TIMER
24-BIT
PIO
16-BIT
3-PHASE
PWM
7
ANALOG
INPUTS
2
8 BIT
AUX
PWM
ADSP-2100 BASE
ARCHITECTURE
SERIAL PORTS
PROGRAM
SEQUENCER
DATA
ADDRESS
GENERATORS
DAG 1
DAG 2
PROGRAM MEMORY ADDRESS
DATA MEMORY ADDRESS
PROGRAM MEMORY DATA
DATA MEMORY DATA
SPORT 0
TARGET APPLICATIONS
Washing Machines, Refrigerator Compressors, Fans,
Pumps, Industrial Variable Speed Drives
FEATURES
26 MIPS Fixed-Point DSP Core
Single Cycle Instruction Execution (38.5 ns)
ADSP-2100 Family Code Compatible
Independent Computational Units
ALU
Multiplier/Accumulator
Barrel Shifter
Multifunction Instructions
Single Cycle Context Switch
Powerful Program Sequencer
Zero Overhead Looping
Conditional Instruction Execution
Two Independent Data Address Generator
Memory Configuration
2K
24-Bit Program Memory RAM
2K
24-Bit Program Memory ROM
1K
16-Bit Data Memory RAM
Three-Phase 16-Bit PWM Generator
16-Bit Center-Based PWM Generator
Programmable Deadtime and Narrow Pulse Deletion
Edge Resolution to 38.5 ns
198 Hz Minimum Switching Frequency
Double/Single Duty Cycle Update Mode Control
Programmable PWM Pulsewidth
Suitable for AC Induction and Synchronous Motors
Special Signal Generation for Switched Reluctance
Motors
Special Crossover Function for Brushless DC Motors
Individual Enable and Disable for all PWM Outputs
High Frequency Chopping Mode for Transformer
Coupled Gate Drives
Hardwired Polarity Control
External
PWMTRIP Pin
Seven Analog Input Channels
Acquisition Synchronized to PWM Switching
Frequency
Conversion Speed Control
24 Bits of Digital I/O Port
Bit Configurable as Input or Output
Change of State Interrupt Support
Two 8-Bit Auxiliary PWM Timers
Synchronized Analog Output
Programmable Frequency
0% to 100% Duty Cycle
(Continued on page 7)


Similar Part No. - ADMC331BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMC331BST AD-ADMC331BST Datasheet
248Kb / 36P
Single Chip DSP Motor Controller
REV.B
More results

Similar Description - ADMC331BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMC300 AD-ADMC300 Datasheet
297Kb / 42P
High Performance DSP-Based Motor Controller
REV.B
ADMC326 AD-ADMC326 Datasheet
219Kb / 31P
28-Lead ROM-Based DSP Motor Controller
REV.A
ADMC330 AD-ADMC330 Datasheet
163Kb / 20P
Single Chip DSP Motor Controller
REV.0
ADMC331 AD-ADMC331 Datasheet
248Kb / 36P
Single Chip DSP Motor Controller
REV.B
ADMC401 AD-ADMC401 Datasheet
417Kb / 60P
Single-Chip, DSP-Based High Performance Motor Controller
REV.B
ADMCF326 AD-ADMCF326 Datasheet
242Kb / 36P
28-Lead Flash Memory DSP Motor Controller
REV. 0
ADMC300 AD-ADMC300_15 Datasheet
296Kb / 42P
High Performance DSP-Based Motor Controller
REV. B
ADMC331 AD-ADMC331_15 Datasheet
247Kb / 36P
Single Chip DSP Motor Controller
REV. B
ADMC401 AD-ADMC401_15 Datasheet
414Kb / 60P
Single-Chip, DSP-Based High Performance Motor Controller
REV. B
ADMCF326 AD-ADMCF326_15 Datasheet
528Kb / 36P
28-Lead Flash Memory DSP Motor Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com