Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC331BSTZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADMC331BSTZ
Description  Single Chip DSP Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC331BSTZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADMC331BSTZ Datasheet HTML 20Page - Analog Devices ADMC331BSTZ Datasheet HTML 21Page - Analog Devices ADMC331BSTZ Datasheet HTML 22Page - Analog Devices ADMC331BSTZ Datasheet HTML 23Page - Analog Devices ADMC331BSTZ Datasheet HTML 24Page - Analog Devices ADMC331BSTZ Datasheet HTML 25Page - Analog Devices ADMC331BSTZ Datasheet HTML 26Page - Analog Devices ADMC331BSTZ Datasheet HTML 27Page - Analog Devices ADMC331BSTZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
ADMC331
–24–
REV. B
Table X. Peripheral Register Map
Address
Offset
(HEX)
(Decimal)
Name
Bits Used
Function
0x2000
0
ADC1
[15 . . . 4]
ADC Results for V1
0x2001
1
ADC2
[15 . . . 4]
ADC Results for V2
0x2002
2
ADC3
[15 . . . 4]
ADC Results for V3
0x2003
3
ADCAUX
[15 . . . 4]
ADC Results for VAUX
0x2004
4
PIODIR0
[7 . . . 0]
PIO0 . . . 7 Pins Direction Setting
0x2005
5
PIODATA0
[7 . . . 0]
PIO0 . . . 7 Pins Input/Output Data
0x2006
6
PIOINTEN0
[7 . . . 0]
PIO0 . . . 7 Pins Interrupt Enable
0x2007
7
PIOFLAG0
[7 . . . 0]
PIO0 . . . 7 Pins Interrupt Status
0x2008
8
PWMTM
[15 . . . 0]
PWM Period
0x2009
9
PWMDT
[9 . . . 0]
PWM Deadtime
0x200A
10
PWMPD
[9 . . . 0]
PWM Pulse Deletion Time
0x200B
11
PWMGATE
[9 . . . 0]
PWM Gate Drive Configuration
0x200C
12
PWMCHA
[15 . . . 0]
PWM Channel A Pulsewidth
0x200D
13
PWMCHB
[15 . . . 0]
PWM Channel B Pulsewidth
0x200E
14
PWMCHC
PWM Channel C Pulsewidth
0x200F
15
PWMSEG
[8 . . . 0]
PWM Segment Select
0x2010
16
AUXCH0
[7 . . . 0]
AUX PWM Output 0
0x2011
17
AUXCH1
[7 . . . 0]
AUX PWM Output 1
0x2012
18
AUXTM0
[7 . . . 0]
Auxiliary PWM Frequency Value
0x2013
19
AUXTM1
[7 . . . 0]
Auxiliary PWM Frequency Value/Offset
0x2014
20
Reserved
0x2015
21
MODECTRL
[8 . . . 0]
System Control Register
0x2016
22
SYSSTAT
[4 . . . 0]
System Status
0x2017
23
IRQFLAG
[1 . . . 0]
Interrupt Status
0x2018
24
WDTIMER
[15 . . . 0]
Watchdog Timer
0x2019 . . . 3F
25 . . . 63
Reserved
0x2040 . . . 43
64 . . . 67
Reserved
0x2044
68
PIODIR1
[7 . . . 0]
PIO8 . . . 15 Pins Direction Setting
0x2045
69
PIODATA1
[7 . . . 0]
PIO8 . . . 15 Pins Input/Output Data
0x2046
70
PIOINTEN1
[7 . . . 0]
PIO8 . . . 15 Pins Interrupt Enable
0x2047
71
PIOFLAG1
[7 . . . 0]
PIO8 . . . 15 Pins Interrupt Status
0x2048
72
PIODIR2
[7 . . . 0]
PIO16 . . . 23 Pins Direction Setting
0x2049
73
PIODATA2
[7 . . . 0]
PIO16 . . . 23 Pins Input/Output Data
0x204A
74
PIOINTEN2
[7 . . . 0]
PIO16 . . . 23 Pins Interrupt Enable
0x204B
75
PIOFLAG2
[7 . . . 0]
PIO16 . . . 23 Pins Interrupt Status
0x204C ...4F
76.. . 79
Reserved
0x2050 . . . 5F
80 . . . 95
Reserved
0x2060
96
PWMSYNCWT
[7 . . . 0]
PWMSYNC Pulsewidth
0x2061
97
PWMSWT
[0]
PWM S/W Trip Bit
0x2062 . . . FF
98 . . . 255
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com