Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP196GSZ Datasheet(PDF) 5 Page - Analog Devices

Part # OP196GSZ
Description  Micropower RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP196GSZ Datasheet(HTML) 5 Page - Analog Devices

  OP196GSZ Datasheet HTML 1Page - Analog Devices OP196GSZ Datasheet HTML 2Page - Analog Devices OP196GSZ Datasheet HTML 3Page - Analog Devices OP196GSZ Datasheet HTML 4Page - Analog Devices OP196GSZ Datasheet HTML 5Page - Analog Devices OP196GSZ Datasheet HTML 6Page - Analog Devices OP196GSZ Datasheet HTML 7Page - Analog Devices OP196GSZ Datasheet HTML 8Page - Analog Devices OP196GSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
OP196/OP296/OP496
REV.
–5–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 V
Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 V
Differential Input Voltage
2
. . . . . . . . . . . . . . . . . . . . . . . . 15 V
Output Short Circuit Duration . . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range
S, RU Package . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
OP196G, OP296G, OP496G, H . . . . . . . – 40
°C to +125°C
Junction Temperature Range
S, RU Package . . . . . . . . . . . . . . . . . . . – 65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
°C
Package Type
JA
3
JC
Unit
8-Lead SOIC
158
43
°C/W
8-Lead TSSOP
240
43
°C/W
14-Lead SOIC
120
36
°C/W
14-Lead TSSOP
180
35
°C/W
NOTES
1Absolute maximum ratings apply to
2For supply voltages less than 15 V, the absolute maximum input voltage is
equal to the supply voltage.
3
θ
JA is specified for the worst case conditions
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the OP196/OP296/OP496 feature proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high-energy electrostatic discharges. Therefore,
proper ESD precautions are recommended to avoid performance degradation or loss of functionalit y.
WARNING!
ESD SENSITIVE DEVICE
E
packaged parts, unless otherwise noted.
;
θJA is specified for device soldered in circuit board for SOIC and TSSOP packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com