Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP196GSZ Datasheet(PDF) 8 Page - Analog Devices

Part # OP196GSZ
Description  Micropower RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP196GSZ Datasheet(HTML) 8 Page - Analog Devices

Back Button OP196GSZ Datasheet HTML 4Page - Analog Devices OP196GSZ Datasheet HTML 5Page - Analog Devices OP196GSZ Datasheet HTML 6Page - Analog Devices OP196GSZ Datasheet HTML 7Page - Analog Devices OP196GSZ Datasheet HTML 8Page - Analog Devices OP196GSZ Datasheet HTML 9Page - Analog Devices OP196GSZ Datasheet HTML 10Page - Analog Devices OP196GSZ Datasheet HTML 11Page - Analog Devices OP196GSZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
FREQUENCY – Hz
90
80
–10
10
1M
100
1k
10k
100k
70
60
50
40
30
20
10
0
225
0
45
90
135
180
VS = 2.5V
TA = –40 C
GAIN
PHASE
TPC 16. Open-Loop Gain and Phase vs. Frequency
(No Load)
FREQUENCY – Hz
90
80
–10
10
1M
100
1k
10k
100k
70
60
50
40
30
20
10
0
225
0
45
90
135
180
VS = 2.5V
TA = 125 C
PHASE
GAIN
TPC 17. Open-Loop Gain and Phase vs. Frequency
(No Load)
TEMPERATURE – C
950
800
200
–75
150
–50
–25
0
25
50
75
100
125
650
500
350
VS = 5V
0.3V
< VO < 4.7V
RL = 100k
TPC 18. Open-Loop Gain vs. Temperature
TEMPERATURE – C
4.95
4.70
3.7
–75
150
–50
–25
0
25
50
75
100
125
4.45
4.2
3.85
IL = 100 A
IL = 1mA
IL = 2mA
VS = 5V
TPC 13. Output Voltage Swing vs. Temperature
TEMPERATURE – C
0.80
0.60
–75
150
–50
–25
0
25
50
75
100
125
0.50
0.30
0.10
IL = –100 A
IL = –1mA
VS = 5V
TPC 14. Output Voltage Swing vs. Temperature
FREQUENCY – Hz
90
80
–10
10
1M
100
1k
10k
100k
70
60
50
40
30
20
10
0
225
0
45
90
135
180
VS = 2.5V
TA = 25 C
PHASE
GAIN
TPC 15. Open-Loop Gain and Phase vs. Frequency
(No Load)
OP196/OP296/OP496
REV.
–8–
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com