Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP196GSZ Datasheet(PDF) 19 Page - Analog Devices

Part # OP196GSZ
Description  Micropower RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP196GSZ Datasheet(HTML) 19 Page - Analog Devices

Back Button OP196GSZ Datasheet HTML 11Page - Analog Devices OP196GSZ Datasheet HTML 12Page - Analog Devices OP196GSZ Datasheet HTML 13Page - Analog Devices OP196GSZ Datasheet HTML 14Page - Analog Devices OP196GSZ Datasheet HTML 15Page - Analog Devices OP196GSZ Datasheet HTML 16Page - Analog Devices OP196GSZ Datasheet HTML 17Page - Analog Devices OP196GSZ Datasheet HTML 18Page - Analog Devices OP196GSZ Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
OP196/OP296/OP496
REV. E
–19–
REVISION HISTORY
9/11—Rev. D to Rev. E
Changes to General Description Section .......................................1
Changes to Electrical Specifications Table (@VS = 5.0 V),
Output Voltage Swing High and Output Swing Low Parameters,
Conditions Column ..........................................................................2
Change to Electrical Specifications Table (@VS = 12.0 V),
Output Swing Low Parameter, Conditions Column ....................4
Changes to Ordering Guide...........................................................18
12/10—Rev. C to Rev. D
Change to Data Sheet Title ..............................................................1
Deleted DIP Pin Configuration Figures.........................................1
Changes to Absolute Maximum Ratings Table and Package
Type Table, Moved Ordering Guide ...............................................5
Updated Outline Dimensions........................................................16
Changes to Ordering Guide...........................................................16
1/02—Rev. B to Rev. C
Edits to Typical Performance Characteristics .............................10
©2002–2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00312-0-9/11(E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com