Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP196GSZ Datasheet(PDF) 11 Page - Analog Devices

Part # OP196GSZ
Description  Micropower RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP196GSZ Datasheet(HTML) 11 Page - Analog Devices

Back Button OP196GSZ Datasheet HTML 7Page - Analog Devices OP196GSZ Datasheet HTML 8Page - Analog Devices OP196GSZ Datasheet HTML 9Page - Analog Devices OP196GSZ Datasheet HTML 10Page - Analog Devices OP196GSZ Datasheet HTML 11Page - Analog Devices OP196GSZ Datasheet HTML 12Page - Analog Devices OP196GSZ Datasheet HTML 13Page - Analog Devices OP196GSZ Datasheet HTML 14Page - Analog Devices OP196GSZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
OP196/OP296/OP496
REV.
–11–
1x
1x
2x
2x
Q8
Q7
Q6
Q5
R4A
R4B
I2
1x
1x
Q4
Q3
2x
2x
Q2
Q1
R3A
R3B
Q9
I3
Q13
Q11
D3
Q12
QC1
Q10
QC2
Q15
CC1
Q14
R2
R1
I1
R6
CF1
D4
Q17
D5
Q18
R5
R7
QL1
Q16
CF2
D6
Q19
2x
1x
I4
CC2
D7
1
*
5
*
Q20
1.5x
1x
D10
R9
D8
Q21
R8
D9
Q22
Q23
I5
OUT
+IN
–IN
VEE
VCC
*OP196 ONLY
TPC 36. Simplified Schematic
10
0%
100
90
2 s
20mV
VS = 2.5V
AV = 1
RL = 10k
CL = 100pF
TA = 25 C
100mV
0V
TPC 31. Small Signal Transient Response
10
0%
100
90
VS = 2.5V
AV = 1
RL = 100k
CL = 100pF
TA = 25 C
2 s
20mV
100mV
0V
TPC 32. Small Signal Transient Response
10
0%
100
90
1V
VS = 2.5V
RL = 10k
10 s
TPC 33. Large Signal Transient Response
10
0%
100
90
1V
VS = 2.5V
RL = 100k
10 s
TPC 34. Large Signal Transient Response
CH A: 40.0 V FS
5.00 V/DIV
MKR: 36.8 V/
Hz
0Hz
10Hz
MKR: 1.00Hz
BW: 145mHz
TPC 35. 1/f Noise Corner, VS =
±5 V, AV = 1,000
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com