Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR392AUJZ-R21 Datasheet(PDF) 7 Page - Analog Devices

Part # ADR392AUJZ-R21
Description  Micropower, Low Noise Precision Voltage References with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR392AUJZ-R21 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADR392AUJZ-R21 Datasheet HTML 3Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 4Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 5Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 6Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 7Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 8Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 9Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 10Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADR391/ADR392/ADR395
Rev. H | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
2.494
–40
–5
30
65
100
125
2.496
2.498
2.500
2.502
2.504
2.506
SAMPLE 1
SAMPLE 2
SAMPLE 3
TEMPERATURE (°C)
Figure 2. ADR391 Output Voltage (VOUT) vs. Temperature
4.100
–40
0
40
80
125
4.098
4.096
4.094
4.090
4.088
4.092
SAMPLE 1
SAMPLE 2
SAMPLE 3
TEMPERATURE (°C)
Figure 3. ADR392 Output Voltage (VOUT) vs. Temperature
5.006
–40
–5
30
65
125
5.004
5.002
5.000
4.996
4.994
4.998
100
SAMPLE 1
SAMPLE 2
SAMPLE 3
TEMPERATURE (°C)
Figure 4. ADR395 Output Voltage (VOUT) vs. Temperature
INPUT VOLTAGE (V)
140
120
40
2.5
15.0
5.0
7.5
10.0
12.5
100
80
60
+85°C
+25°C
–40°C
+125°C
Figure 5. ADR391 Supply Current vs. Input Voltage
INPUT VOLTAGE (V)
140
579
11
120
100
60
40
80
13
15
+125
°C
+25°C
–40°C
Figure 6. ADR392 Supply Current vs. Input Voltage
INPUT VOLTAGE (V)
140
5.5
7.0
8.5
10.0
14.5
120
100
60
40
80
13.0
+125
°C
+25°C
–40°C
11.5
Figure 7. ADR395 Supply Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com