Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR392AUJZ-R21 Datasheet(PDF) 8 Page - Analog Devices

Part # ADR392AUJZ-R21
Description  Micropower, Low Noise Precision Voltage References with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR392AUJZ-R21 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADR392AUJZ-R21 Datasheet HTML 4Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 5Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 6Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 7Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 8Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 9Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 10Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 11Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADR391/ADR392/ADR395
Rev. H | Page 8 of 20
TEMPERATURE (°C)
80
–40
–10
50
80
110
125
100
120
140
160
180
20
IL = 0mA TO 5mA
VIN = 3V
VIN = 5V
Figure 8. ADR391 Load Regulation vs. Temperature
TEMPERATURE (°C)
90
–40
–5
30
65
125
80
70
50
40
60
100
IL = 0mA TO 5mA
VIN = 7.5V
VIN = 5V
Figure 9. ADR392 Load Regulation vs. Temperature
TEMPERATURE (°C)
80
–40
–5
30
65
125
70
60
40
30
50
100
IL = 0mA TO 5mA
VIN = 7.5V
VIN = 5V
Figure 10. ADR395 Load Regulation vs. Temperature
TEMPERATURE (°C)
0
25
5
10
15
20
–40
–10
20
80
110
125
50
Figure 11. ADR391 Line Regulation vs. Temperature
TEMPERATURE (°C)
14
–40
–5
30
65
125
10
6
2
0
4
100
12
8
VIN = 4.4V TO 15V
Figure 12. ADR392 Line Regulation vs. Temperature
TEMPERATURE (°C)
14
–40
–5
30
65
125
10
6
2
0
4
100
12
8
VIN = 5.3V TO 15V
Figure 13. ADR395 Line Regulation vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com