Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR392AUJZ-R21 Datasheet(PDF) 14 Page - Analog Devices

Part # ADR392AUJZ-R21
Description  Micropower, Low Noise Precision Voltage References with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR392AUJZ-R21 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADR392AUJZ-R21 Datasheet HTML 10Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 11Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 12Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 13Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 14Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 15Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 16Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 17Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADR391/ADR392/ADR395
Rev. H | Page 14 of 20
THEORY OF OPERATION
Band gap references are the high performance solution for low
supply voltage and low power voltage reference applications,
and the ADR391/ADR392/ADR395 are no exception. The
uniqueness of these devices lies in the architecture. As shown in
Figure 33, the ideal zero TC band gap voltage is referenced to
the output, not to ground. Therefore, if noise exists on the
ground line, it is greatly attenuated on VOUT. The band gap cell
consists of the PNP pair, Q51 and Q52, running at unequal
current densities. The difference in VBE results in a voltage with
a positive TC, which is amplified by a ratio of
R54
R58
2 ×
This PTAT voltage, combined with VBEs of Q51 and Q52,
produces a stable band gap voltage.
Reduction in the band gap curvature is performed by the ratio
of Resistors R44 and R59, one of which is linearly temperature
dependent. Precision laser trimming and other patented circuit
techniques are used to further enhance the drift performance.
SHDN
R60
Q51
R54
R61
R53
Q52
R58
R59
R44
R48
R49
Q1
GND
VIN
VOUT (FORCE)
VOUT (SENSE)
Figure 33. Simplified Schematic
DEVICE POWER DISSIPATION CONSIDERATIONS
The ADR391/ADR392/ADR395 are capable of delivering load
currents to 5 mA, with an input voltage that ranges from 2.8 V
(ADR391 only) to 15 V. When these devices are used in
applications with large input voltages, care should be taken to
avoid exceeding the specified maximum power dissipation or
junction temperature because it could result in premature
device failure. The following formula should be used to
calculate the maximum junction temperature or dissipation of
the device:
JA
A
J
D
T
T
P
θ
=
–
(5)
where:
TJ and TA are, respectively, the junction and ambient temperatures.
PD is the device power dissipation.
θJA is the device package thermal resistance.
SHUTDOWN MODE OPERATION
The ADR391/ADR392/ADR395 include a shutdown feature
that is TTL/CMOS level compatible. A logic low or a zero volt
condition on the SHDN pin is required to turn the devices off.
During shutdown, the output of the reference becomes a high
impedance state, where its potential would then be determined
by external circuitry. If the shutdown feature is not used, the
SHDN pin should be connected to VIN (Pin 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com