Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR392AUJZ-R21 Datasheet(PDF) 17 Page - Analog Devices

Part # ADR392AUJZ-R21
Description  Micropower, Low Noise Precision Voltage References with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR392AUJZ-R21 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADR392AUJZ-R21 Datasheet HTML 12Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 13Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 14Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 15Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 16Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 17Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 18Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 19Page - Analog Devices ADR392AUJZ-R21 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADR391/ADR392/ADR395
Rev. H | Page 17 of 20
–150
150
TIME (Hours)
0
–100
–50
0
50
100
100
200
300
400
500
600
700
1000
900
800
CAPACITORS
Input Capacitor
Input capacitors are not required on the ADR39x. There is no
limit for the value of the capacitor used on the input, but a 1 μF
to 10 μF capacitor on the input improves transient response in
applications where the supply suddenly changes. An additional
0.1 μF in parallel also helps reduce noise from the supply.
Output Capacitor
The ADR39x does not require output capacitors for stability under
any load condition. An output capacitor, typically 0.1 μF, filters
out any low level noise voltage and does not affect the operation
of the part. On the other hand, the load transient response can
improve with the addition of a 1 μF to 10 μF output capacitor in
parallel. A capacitor here acts as a source of stored energy for a
sudden increase in load current. The only parameter that degrades
by adding an output capacitor is the turn-on time, and it depends
on the size of the capacitor chosen.
Figure 40. ADR391 Typical Long-Term Drift over 1000 Hours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com