Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL22-L Datasheet(PDF) 5 Page - Formosa MS

Part # SL22-L
Description  Low VF Chip Schottky Barrier Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SL22-L Datasheet(HTML) 5 Page - Formosa MS

  SL22-L Datasheet HTML 1Page - Formosa MS SL22-L Datasheet HTML 2Page - Formosa MS SL22-L Datasheet HTML 3Page - Formosa MS SL22-L Datasheet HTML 4Page - Formosa MS SL22-L Datasheet HTML 5Page - Formosa MS SL22-L Datasheet HTML 6Page - Formosa MS SL22-L Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
01234
564
589 1 4
95















9 9!1"#
$%&()*+,
-./+%0
0
123455,
6576/0
,
8
,
65
9:
:
;<
=
=
>>>?
@
ABCADCD?
EAC=
F<
GGHIIHJHHH
K<
GGHIIHJHL
#MNNOMPQRS#MNTOM
U
:
C
AV
B
WE
XYI
F
B
B
Z
B>Z
:
9
B
B
Z
BV
W:
9
B
B
Z
B;:
9
X;B
AE[:9AV

\]^VA_:
DZ
Z
C:
B
`]^VA_:
DZ
Z
C:
B
\]^VZ
WWBZ
C:
B
`]^VZ
WWBZ
C:
B
9AV
Z
C:
B
X;B
AE[:9AV
;ADZ
:
Z
AW
_WE99AV
;ADZ
:
Z
AW
_WE99AV
;Z
:
E9
X;B
AE[:9AV
;Z
:
E9
CaADDCW:EW:
B
^V>Z
:
9
bcB
V
V:
;:
9Z
E[WDD
;>Z
:
9
















XdCaAV
?

?

?

CZ
W
CZ
W
?

?

?
\
?

?

?

?

?

?

?

?

?

_WZ
:
<
CC
?

\\?

`G?

?

H?

\?

?
`
?

L?

L?

?

?
\
?

G?

eA:
<
cZ
EDB;E[Z
WEEABWE>Z
:
9U
D:
WB^XILGIWD;EZ
@
Z
E:
Z
AWDV
Z
D:
aAc?
?
J
?

?

AE_CW:U

U
DD_:

^cZ
D:
 ^cZ
DZ
AW
?
XIH`
G=
=

=
\=


`
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com