Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL22-L Datasheet(PDF) 7 Page - Formosa MS

Part # SL22-L
Description  Low VF Chip Schottky Barrier Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SL22-L Datasheet(HTML) 7 Page - Formosa MS

  SL22-L Datasheet HTML 1Page - Formosa MS SL22-L Datasheet HTML 2Page - Formosa MS SL22-L Datasheet HTML 3Page - Formosa MS SL22-L Datasheet HTML 4Page - Formosa MS SL22-L Datasheet HTML 5Page - Formosa MS SL22-L Datasheet HTML 6Page - Formosa MS SL22-L Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
01235
7898 



 !!
"!#"

$

"!
%&
&
'(
)
)
***+
,
-./-01/0+
1-/)
234(
5567878869666:
;<=(
55678788696:>:
?@@A?BCDE?@FA?
G-1H/3I&J
G
J
00H3KG1&
3
L3MN
03KG1&
3 L3MN
0N
-I
0123+
GO7:8:658
8PP5)
P8)
:P
8P::)
PQ)
8R
;
5
CS
TU9VW
S
XS
W
S
YZYV Y[ \ XS
W
S
YS
V
:+O-]
K3.L30N
0&
1I13
8+O-]
K3.1^N
]
N
&
_
Q+`N
2%23/'3.1&
H.3L3M3.03aN
10
>+;-.*1.Kb'3.1&
N
-I4N
,
3
R+J
I&
3./N
&
&
3I&b'3.1&
N
-I4N
,
3
6+0.300H.3c--d3.
5+23/'3.1&
H.3c_1]
N
I2
5+2%3./1]O%-1d
9+;-.*1.KOH.23
:P+`H/N
KN
&
_
::+`N
2%23/'3.1&
H.3O&
-.1234N
,
3
1&86P R ,
-.:P 8031+
N
//3.03^-K_N
I&
-0-]
K3.:)
:6ef:)
Q8e
b
1&8>RfRc,
-.R031+
b
gh5Pi .1&
31&2h:PPc,
-.:65%.0+
L
j
b
L1&
3K1M3.123.31&
N
,
N
3.1H..3I&1&2h8Rc,
-.RPP%.0+
<
b
2 h8RckJhJ
<
;
b
bI0&
1&
3('-*3.-I,
-.R/N
I+
-,
,0&
1&
3('-*3.-,
,,
-.R/N
I+
-I1IK-,
,,
-.RPP1_1]
30+
b
:R0 1&2h:8:c,
-.>%.0+
OJ
l
<
b
b
7RRc&
-m:8RcK*3]
]
3K,
-.QP/N
I+
1IK&
.1I0,
3..3K,
-.R/N
I+&
-&
1]:P1_1]
30+
b
b
Pc,
-.R/N
I+.N
03&
-:PPc,
-.R/N
I+&
-&
1]:P1_1]
30+
5+
Q/00N
I2]
3%1]
,0N
I37*1M30H'3.N
/'-03K
-I.1&
3K]
-1Kk-I30H.23+
b
1&2h5RckL`h5Ri ,
-.:PPP%.0+
<
b
1&:5Rc,
-.:PPP%.0+
b
f c
f
nJ
47O2G75RPG
n32`bG78PQ:
nJ
47O2G78P8;
n32`bG78P5
nJ
47O2G75RPG
n32`bG7:PQ5
nJ
47O2G75RPG
n32`bG7:P85
nJ
47O2G75RPG
n32`bG7:PQ6
j3OG887<:P8
nJ
47O2G75RPG
n32`bG7:PR:
nJ
47O2G75RPG
n32`bG7:PR6
nJ
47O2G75RPG
n32`bG7>P6678
nJ
47O2G75RPG
n32`bG7:P8:
nJ
47O2G75RPG
n32`bG7:PQ:
J
&
3/230&
c-IKN
&
N
-I0
L3,
3.3I13
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com