Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL22-L Datasheet(PDF) 6 Page - Formosa MS

Part # SL22-L
Description  Low VF Chip Schottky Barrier Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SL22-L Datasheet(HTML) 6 Page - Formosa MS

  SL22-L Datasheet HTML 1Page - Formosa MS SL22-L Datasheet HTML 2Page - Formosa MS SL22-L Datasheet HTML 3Page - Formosa MS SL22-L Datasheet HTML 4Page - Formosa MS SL22-L Datasheet HTML 5Page - Formosa MS SL22-L Datasheet HTML 6Page - Formosa MS SL22-L Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
01235
7898 



 !!
"!#"

$

"!
%&
&
'(
)
)
***+
,
-./-01/0+
1-/)
234(
55567677585559
:;<(
555676775859=9
>??@>ABCD>?E@>
F-1G/3H&I
F
I
00G3JF1&
3
K3LM
03JF1&
3 K3LM
0M
-H
0123+
CNNOP QRS
TU
CNNOP QRS
TU
VW;64
0;XY;Z3
K334VI
[3
K334
X\W0\]3]2
V0;XI
]Z
^\<
I
]]3K
^\<
K334
FI
;_
X;K2\]
VI
[3
X;K2\]
;00K\<+
ZK\VV`3I
Za2
bc2d
b'10d
b/)
/d
b/)
/d
b/)
/d
b'10d
b/)
/d
b'10d
VW;64
ef
7_
ggg
=+
g
7g_
ggg 95hi9egi95h
9e5
h57ihj5ih5e
95g_
ggg
9j+
j
9hf
e_
jgg
=+
g
9j_
ggg hheihheihe
hhg
hjgihhgih5g
97g_
ggg
9=+
7
9+
V&
-.1233HLM
.-H/3H&
(23/'3.1&
G.3kj l=g aG/M
JM
&
mkjjno7jn
7+
K3,
p
-*0-p
J3.M
H2-,0G.,
1136/-GH&J3LM
130
-
-
X
X
VG2230&
3J&
%3./1p'.-,
M
p
30,
-.0-p
J3.M
H2'.-130030
0.-,
M
p
3:31&
G.3
V-p
J3.M
H2X-HJM
&
M
-H
;L3.123.1/'6G'.1&
3b24&
-20d
qh )
031
0.3%31&
-
623/'3.1&
G.3WM
Hb20/M
Hd
9jgX
-
623/'3.1&
G.3W1rb20/1rd
7ggX
62M
/3b/M
H&
-/1rdb&
0
d
5gl97g031
20/1r&
-24
-
6K1/'6G'K1&
3
qhX)
031
2M
/3/1M
H&
1M
H3J1s-L3(
-
623/'3.1&
G.3b24d
79eX
62M
/3b&
4
d
5gl75g031
-
-
031c23/'3.1&
G.3b20d
7jjX6g)
tjX
-
2M
/3*M
&
%M
HjX-,11&
G1p031c
23/'3.1&
G.3b&
0
d
-
K1/'6J-*HK1&
3
q5X)
031
-
2M
/37jX&
-031c23/'3.1&
G.3
q5/M
HG&
30
-X
9glhg031
h+
K3,
p
-*0-p
J3.M
H2
8
u
?vwu
8xN R
FV69795e7
7gg5)
g7)
9g
7g99)
gh)
7j
:
e
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com