Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL22-L Datasheet(PDF) 3 Page - Formosa MS

Part # SL22-L
Description  Low VF Chip Schottky Barrier Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SL22-L Datasheet(HTML) 3 Page - Formosa MS

  SL22-L Datasheet HTML 1Page - Formosa MS SL22-L Datasheet HTML 2Page - Formosa MS SL22-L Datasheet HTML 3Page - Formosa MS SL22-L Datasheet HTML 4Page - Formosa MS SL22-L Datasheet HTML 5Page - Formosa MS SL22-L Datasheet HTML 6Page - Formosa MS SL22-L Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
01235
789
8 889

9


7

!
"#
$%
&'0!
()* +,-),.(/,,01&.0,)&!
1"(/,20
!
"#
6%
7)8!
7/71+1%
,000&!
&!
20 +,-),.
9/,"0(/,,01&
!
"#
:%
&'0!
()*;/1(&!
+1()0)(!
&)1(0
,020,902+*&)"03
4
25
=#
6
=#
>
?#
$
?#
@
$#
=
$#
6
5:=
5==
$:=
$==
?:=
?==
:=
=
#
=?
#
=: #
?
#
:
?
:
?=
:= ?==
*0).&0700,)&/,04
A(5
=
=
$=
6=
@=
>=
?==
?$= ?6=
?@=
?>=
$==
BC
C
<D
E
E
FFF#
G
HIJHK1JK#
LHJE
&0*D
>>@%$%$$@M@@@?
)8D
>>@%$%$$@M@?6?
.HLNJ3OC!
.
!
KKN3P.1C
3
,3QR
K3P.1C
3 ,3QR
KR
HO
0123#
?
?=
?==
?===
!
"#
5%&'0!
()*,020,90
(S),)(&0,!
9&!
(9
00,(01&)"0,)&0.00)T,020,902+*&)"03
4
U5
=
$= 6= @= >= ?== ?$= ?6=
#
?
&VW:(
;
&V$:(
;
=#
?
?#
=
#
=?
?=
:=
!
"#
?%
&'0!
()* +,-),.
(S),)(&0,!
9&!
(9
+,-),.2+*&)"03
4
25
0NX
K3-R
PC
B5==NK
?U .NC
Y(YLX
3
#
? #
5 #
: #
W #
M ?#
? ?#
5 ?#
:
5#
=
&V$:(
;
.9%?$?@W$
$==>E
=$E
?=
$=??E
=5E
$:
W
=
$=
?=
5=
:=
6=
1/7[0,+ ('(*09)&@=S\
?
?=
:
:=
?==
&V$:(
;
>#
5JK9R
O2X
3S1X
G
9R
O3-1Q3
;0.0(J3C
BHP
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com