Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512 Datasheet(PDF) 23 Page - Microchip Technology

Part # USB2512
Description  USB 2.0 Hi-Speed Hub Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512 Datasheet(HTML) 23 Page - Microchip Technology

Back Button USB2512 Datasheet HTML 19Page - Microchip Technology USB2512 Datasheet HTML 20Page - Microchip Technology USB2512 Datasheet HTML 21Page - Microchip Technology USB2512 Datasheet HTML 22Page - Microchip Technology USB2512 Datasheet HTML 23Page - Microchip Technology USB2512 Datasheet HTML 24Page - Microchip Technology USB2512 Datasheet HTML 25Page - Microchip Technology USB2512 Datasheet HTML 26Page - Microchip Technology USB2512 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251xB/xBi
23
Revision 2.2 (02-17-12)
DATASHEET
3.3.1.3
LED
If a strap pin’s buffer type is I/O and shares functionality with an LED, the hardware configuration
outlined below must be implemented. The internal logic will drive the LED appropriately (active high or
low) depending on the sampled strap option. Use the Strap High configuration to set the strap option
value to 1 and Strap Low to set the strap option to 0.
Figure 3.6 LED Pin Strap Example
3.4
Buffer Type Descriptions
Table 3.5 Buffer Type Descriptions
BUFFER TYPE
DESCRIPTION
I
Input
I/O
Input/output
IPD
Input with internal weak pull-down resistor
IPU
Input with internal weak pull-up resistor
IS
Input with Schmitt trigger
O12
Output 12 mA
I/O12
Input/output buffer with 12 mA sink and 12 mA source
I/OSD12
Open drain with Schmitt trigger and 12 mA sink. Meets the I2C-Bus
Specification [2] requirements.
ICLKx
XTAL clock input
OCLKx
XTAL clock output
I-R
RBIAS
I/O-U
Analog input/output defined in USB specification
HUB
HUB
Strap Pin
LED/
Strap High
Strap Pin
LED/
Strap Low
R
k
Ω
R
k
Ω
+V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com