Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512 Datasheet(PDF) 8 Page - Microchip Technology

Part # USB2512
Description  USB 2.0 Hi-Speed Hub Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512 Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB2512 Datasheet HTML 4Page - Microchip Technology USB2512 Datasheet HTML 5Page - Microchip Technology USB2512 Datasheet HTML 6Page - Microchip Technology USB2512 Datasheet HTML 7Page - Microchip Technology USB2512 Datasheet HTML 8Page - Microchip Technology USB2512 Datasheet HTML 9Page - Microchip Technology USB2512 Datasheet HTML 10Page - Microchip Technology USB2512 Datasheet HTML 11Page - Microchip Technology USB2512 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 2.2 (02-17-12)
8
SMSC USB251xB/xBi
DATASHEET
Chapter 1 Overview
The SMSC USB251xB/xBi hub family is a group of low-power, configurable, MTT (multi transaction
translator) hub controller ICs. The hub provides downstream ports for embedded USB solutions and
is fully compliant with the USB 2.0 Specification [1]. Each of the SMSC hub controllers can attach to
an upstream port as a full-speed or full-/hi-speed hub. The hub can support low-speed, full-speed, and
hi-speed downstream devices when operating as a hi-speed hub.
All required resistors on the USB ports are integrated into the hub. This includes all series termination
resistors and all required pull-down and pull-up resistors on D+ and D- pins. The over-current sense
inputs for the downstream facing ports have internal pull-up resistors.
The USB251xB/xBi hub family includes programmable features, such as:
MultiTRAKTM Technology: implements a dedicated Transaction Translator (TT) for each port.
Dedicated TTs help maintain consistent full-speed data throughput regardless of the number of
active downstream connections.
PortMap: provides flexible port mapping and disable sequences. The downstream ports of a
USB251xB/xBi hub can be reordered or disabled in any sequence to support multiple platform
designs with minimum effort. For any port that is disabled, the USB251xB/xBi hub controller
automatically reorders the remaining ports to match the USB host controller’s port numbering
scheme.
PortSwap: allows direct alignment of USB signals (D+/D-) to connectors to avoid uneven trace
length or crossing of the USB differential signals on the PCB.
PHYBoost: enables 4 programmable levels of USB signal drive strength in downstream port
transceivers. PHYBoost will also attempt to restore USB signal integrity.
1.1
Configurable Features
The SMSC USB251xB/xBi hub controller provides a default configuration that may be sufficient for
most applications. Strapping option pins (see Section 3.3.1 on page 22) provide additional features to
enhance the default configuration. When the hub is initialized in the default configuration, the following
features may be configured using the strapping options:
Downstream non-removable ports, where the hub will automatically report as a compound device
Downstream disabled ports
Enabling of battery charging option on individual ports
The USB251xB/xBi hub controllers can alternatively be configured by an external I2C EEPROM or a
microcontroller as an SMBus slave device. When the hub is configured by an I2C EEPROM or over
SMBus, the following configurable features are provided:
Support for compound devices on a port-by-port basis
Selectable over-current sensing and port power control on an individual or ganged basis to match
the circuit board component selection
Customizable vendor ID, product ID, and device ID
Configurable USB signal drive strength
Configurable USB differential pair pin location
Configurable delay time for filtering the over-current sense inputs
Configurable downstream port power-on time reported to the host
Indication of the maximum current that the hub consumes from the USB upstream port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com