Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512 Datasheet(PDF) 14 Page - Microchip Technology

Part # USB2512
Description  USB 2.0 Hi-Speed Hub Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512 Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB2512 Datasheet HTML 10Page - Microchip Technology USB2512 Datasheet HTML 11Page - Microchip Technology USB2512 Datasheet HTML 12Page - Microchip Technology USB2512 Datasheet HTML 13Page - Microchip Technology USB2512 Datasheet HTML 14Page - Microchip Technology USB2512 Datasheet HTML 15Page - Microchip Technology USB2512 Datasheet HTML 16Page - Microchip Technology USB2512 Datasheet HTML 17Page - Microchip Technology USB2512 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 2.2 (02-17-12)
14
SMSC USB251xB/xBi
DATASHEET
3.2
Pin List (Alphabetical)
Table 3.1 USB251xB/xBi Pin List (Alphabetical)
SYMBOL
NAME
PIN NUMBERS
36 QFN
BC_EN1
Battery Charging
Strap Option
12
BC_EN2
16
BC_EN3
-18
BC_EN4
-20
CFG_SEL0
Configuration
Programming
Selection
24
CFG_SEL1
25
CLKIN
External Clock Input
33
CRFILT
Core Regulator Filter
Capacitor
14
Ground Pad
Exposed Pad Tied to
Ground (VSS)
ePad
HS_IND
Hi-Speed Upstream
Port Indicator
25
LOCAL_PWR
Local Power
Detection
28
NC
No Connect
6
-
NC
7-
NC
18
-
NC
19
-
NC
8-
NC
9-
NC
20
-
NC
21
-
NON_REM0
Non-Removable Port
Strap Option
28
NON_REM1
22
OCS_N1
Over-Current Sense
13
OCS_N2
17
OCS_N3
-19
OCS_N4
-21
PLLFILT
PLL Regulator Filter
Capacitor
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com