Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512 Datasheet(PDF) 44 Page - Microchip Technology

Part # USB2512
Description  USB 2.0 Hi-Speed Hub Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512 Datasheet(HTML) 44 Page - Microchip Technology

Back Button USB2512 Datasheet HTML 40Page - Microchip Technology USB2512 Datasheet HTML 41Page - Microchip Technology USB2512 Datasheet HTML 42Page - Microchip Technology USB2512 Datasheet HTML 43Page - Microchip Technology USB2512 Datasheet HTML 44Page - Microchip Technology USB2512 Datasheet HTML 45Page - Microchip Technology USB2512 Datasheet HTML 46Page - Microchip Technology USB2512 Datasheet HTML 47Page - Microchip Technology USB2512 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 2.2 (02-17-12)
44
SMSC USB251xB/xBi
DATASHEET
5.3.4
Stretching the SCLK Signal
The hub supports stretching of the SCLK by other devices on the SMBus. However, the hub does not
stretch the SCLK.
5.3.5
SMBus Timing
The SMBus slave interface complies with the SMBus Specification Revision 1.0 [3]. See Section 2.1,
AC Specifications
on page 3 for more information.
5.3.6
Bus Reset Sequence
The SMBus slave interface resets and returns to the idle state upon a START condition followed
immediately by a STOP condition.
5.3.7
SMBus Alert Response Address
The SMBALERT# signal is not supported by the hub.
5.4
Default Configuration
To put the SMSC hub in the default configuration, strap CFG_SEL[1:0] to 00b. This procedure
configures the hub to the internal defaults and enables the strapping options. To place the hub in
default configuration with overrides, see Table 5.1 on page 26 for the list of the options.
The internal default values are used for the registers that are not controlled by strapping option pins.
Refer to Section 5.1 on page 27 for the internal default values that are loaded when this option is
selected. For a list of strapping option pins, see Chapter 5 on page 26, and to configure the strapping
pins, see Section 3.3.1 on page 22.
5.5
Reset
The hub experiences the following two resets:
Hardware reset via the RESET_N pin
USB bus reset
5.5.1
External Hardware RESET_N
A valid hardware reset is defined as assertion of RESET_N for a minimum of 1
μs after all power
supplies are within operating range. While reset is asserted, the hub (and its associated external
circuitry) consumes less than 500
μA of current from the upstream USB power source.
Assertion of RESET_N causes the following:
1. All downstream ports are disabled, and PRTPWR[x:1] to downstream devices is removed (unless
BC_EN[x:1] is enabled).
2. The PHYs are disabled, and the differential pairs will be in a high-impedance state.
3. All transactions immediately terminate; no states are saved.
4. All internal registers return to the default state (in most cases, 00h).
5. The external crystal oscillator is halted.
6. The PLL is halted.
The hub is operational 500
μs after RESET_N is negated. Once operational, the hub will do one of the
following, depending on configuration:
Read the strapping pins (default configuration with strapping options enabled)
Read configuration information from the external I2C EEPROM
Wait for configuration over SMBus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com