Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

492575-1 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 492575-1
Description  Fiber Optic Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

492575-1 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 492575-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 11Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 12Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 13Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 14Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 15Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 16Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
13
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
1
LC and SC Connector Kits
LC Connector Kits — Standard Kits
Description
Fiber Type
Housing
Boot
Used with
Assembly Pack
Color
Color
Part Number
900 µm Buffered
2064938-1
Simplex
Multimode
Beige
Beige
1.6-2.0 mm Jacketed
2064938-2
3.0 mm Jacketed
2064938-3
900 µm Buffered
2-2064938-1
Duplex
Multimode
Beige
Beige
1.6-2.0 mm Jacketed
2-2064938-2
3.0 mm Jacketed
2-2064938-3
SC Connector Kits — Standard Kits
Description
Fiber Type
Housing
Boot
Used with
Assembly Pack
Color
Color
Part Number
900 µm Buffered
2064939-1
Simplex
Multimode
Beige
Beige
2.0 mm Jacketed
2064939-2
3.0 mm Jacketed
2064939-3
Duplex
Multimode
Beige
Beige
2.0 mm Jacketed
5504928-1
3.0 mm Jacketed
5504657-1
LC and SC Adapters
LC Duplex Adapter for SC Cutout — Plastic
Alignment
Description
Housing
Part Numbers
Sleeve Material
Color
Ceramic
Flanged
Aqua
1-6457567-6
Flangeless
Aqua
1-6457567-4
Metal
Flanged
Aqua
2-6457567-0
Flangeless
Aqua
1-6457567-8
Shuttered LC Duplex Adapter for SC Cutout — Plastic
Alignment
Shutter
Sleeve
Description
Housing
Label
Part
Material
Color
Color
Number
Ceramic
Flanged
Aqua
Aqua
1-2064658-6
Flangeless
Aqua
Aqua
1-2064752-4
LC Quad Adapter for SC Duplex Cutout — Plastic
Alignment
Description
Housing
Part Numbers
Sleeve Material
Color
Ceramic
Flanged
Aqua
1-1695790-0
Flangeless
Aqua
1-1695790-1
Metal
Flanged
Aqua
1695790-9
SC Simplex Adapter — Plastic
Alignment
Description
Housing
Part Numbers
Sleeve Material
Color
Ceramic
Flanged
Aqua
2-5502632-4
Flangeless
Aqua
5504632-6
Metal
Flanged
Aqua
2-5502632-3
SC Duplex Adapter — Plastic
Alignment
Description
Housing
Part Numbers
Sleeve Material
Color
Ceramic
Flanged
Aqua
2-5502776-6
Metal
Flanged
Aqua
2-5502776-5
Note: All part numbers are RoHS compliant.
10 Gigabit Fiber Optic Products Overview (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com