Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

492575-1 Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # 492575-1
Description  Fiber Optic Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

492575-1 Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button 492575-1 Datasheet HTML 81Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 82Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 83Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 84Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 85Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 86Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 87Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 88Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 100 page
background image
85
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
5
PRO BEAM Expanded Beam Rugged Optics Products (Continued)
Technical Documents
Product Specification
108-2177
Design Objectives
Application Specification
114-13099
Instruction Sheets
408-8791
Grounding D-Hole
Bulkhead
408-8797
Plug
408-8798
Standard D-Hole Bulkhead
408-8811
Sealed D-Hole Bulkhead
408-8834
Low Profile Square Flange
Bulkhead
408-8840
Low Profile D-Hole
Bulkhead
408-8841
Standard Square Flange
Bulkhead
http://www.te.com/documents
PRO BEAM Jr. Connector Plug & Sealed Bulkhead Cable Adapter Kits
Cable Dia. (Max.)
Part Number
3.10
1515814-1
.122
3.60
1515781-3
.142
4.10
1515848-2
.161
4.60
1516147-1
.181
5.10
1515834-2
.201
5.65
1515827-2
.222
6.10
1515859-3
.240
6.70
1588116-1
.264
7.50
(Breakout Cable Only)
1828168-1 (Plug)
.295
7.50
1754719-3
(Sealed
.295
Bulkhead)
PRO BEAM Jr. Connector Standard Bulkhead Cable Adapter Kits*
Cable Dia. (Max.)
Part Number
3.10 [.122]
1515791-2
3.60 [.142]
1515808-1
5.10 [.201]
1515835-2
5.65 [.222]
1515829-1
6.10 [.240]
1515796-2
4 x 3.00 [ 4 x .118]
1515749-1
*Standard Cable Adapter — Not applicable for Low Profile.
PRO BEAM Jr. Connector Shell Kits
Description
Part Number
PRO BEAM Jr. Plug w/EPDM rubber
1754436-1
PRO BEAM Jr. Plug w/Fluorosilicone rubber
1754436-2
PRO BEAM Jr. D-Hole Low Profile, Buffered Fiber Bulkhead
1693741-1
PRO BEAM Jr. D-Hole Standard Bulkhead
1754437-1
PRO BEAM Jr. D-Hole Sealed Bulkhead
1754438-1
PRO BEAM Jr. Square Flange Low Profile Buffered Fiber Bulkhead
1754439-1
PRO BEAM Jr. Square Flange Standard Bulkhead
1754440-1
PRO BEAM Jr. Square Flange Sealed Bulkhead
1754441-1
PRO BEAM Jr. Replacement Receptacles for TFOCA-II Panel Mount Connector Applications
Description
Part Number
PRO BEAM Jr. TFOCA-II Replacement D-Hole Low-Profile Buffered Fiber Bulkhead
1754445-1
PRO BEAM Jr. TFOCA-II Replacement D-Hole Sealed Bulkhead
1754446-1
PRO BEAM Jr. TFOCA-II Replacement Square Flange Low-Profile Buffered Fiber Bulkhead
1754447-1
PRO BEAM Jr. TFOCA-II Replacement Square Flange Sealed Bulkhead
1754448-1
PRO BEAM Jr. Insert Kits
Description
Part Number
2 x 850 / 1300 nm Multimode
1515743-1
2 x 1310 nm Singlemode
1515739-1
2 x 1550 nm Singlemode
1516040-1
4 x 850 / 1300 nm Multimode
1515747-1
4 x 1310 nm Singlemode
1515740-1
4 x 1550 nm Singlemode
1516041-1
Ferrule Kits
Fiber Hole Size
Mode
PRO BEAM Connector
Part Number
125 µm
SM
PRO BEAM Jr.
1588908-2
126 µm
SM
PRO BEAM Jr.
1588908-1
126 µm
MM
PRO BEAM Jr.
1588700-1
Connector Assembly
1 Shell Kit
1 Insert Kit
1 Cable Adapter Kit*
X Ferrule Kits (X = No.
of optical channels)
Part Numbers listed are
Shell alloy = aluminum
Plating = hard anodized.
Consult TE for other plating/
material options such as
NiAlBz for Naval applications.
PRO BEAM Jr. Connectors
(Continued)
ASSEMBLY CAPABILITIES
TE has extensive rugged
optic harness capabilities.
Please consult your local
TE Sales Representative
for assistance.
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com